Electronic Components Datasheet Search
  English  ▼

X  

BQ2000 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2000
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2000 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ2000 Datasheet HTML 8Page - Texas Instruments BQ2000 Datasheet HTML 9Page - Texas Instruments BQ2000 Datasheet HTML 10Page - Texas Instruments BQ2000 Datasheet HTML 11Page - Texas Instruments BQ2000 Datasheet HTML 12Page - Texas Instruments BQ2000 Datasheet HTML 13Page - Texas Instruments BQ2000 Datasheet HTML 14Page - Texas Instruments BQ2000 Datasheet HTML 15Page - Texas Instruments BQ2000 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
BAT-
PowerSupplyground
bq2000groundandBAT-
SNS
Rf
Cf
1
2
bq2000
VSS
RSNS
MAX
SNS
0.05
I
=
R
CHYS
Hysteresis (V) = VCC
(C
+ C )
HYS
f
´
bq2000
SLUS138D – JANUARY 2008 – REVISED DECEMBER 2009
www.ti.com
Table 2. RC Pin Status (continued)
bq2000 CHARGE STATE
TS PIN STATE
RC PIN BEHAVIOR
VTS > VLTF (in trickle maintenance charge 1-2V DC level (timer is paused and will
state)
resume when VTS < VLTF)
Top-off charge
VLTF > VTS > VHTF
Active
Active (timer is still counting, even though
VHTF > VTS > VTCO
charging is suspended)
Trickle maintenance charge (after fast charge)
N/A
1-2V DC level
Charge complete
N/A
Active
Both top-off and trickle maintenance charge are terminated and the pack never receives any more charge (until a
charge initialization occurs) if the voltage on the BAT pin reaches VMCV. During trickle maintenance charge,
charging is suspended if VTS < VHTF. It resumes when VTS > VHTF. The bq2000 is designed to remain in trickle
maintenance charge forever (excluding the two faults just mentioned) in order to keep a Nickel pack full.
Charge Current Control
The bq2000 implements a hysteretic control loop that regulates the current being delivered to the battery pack to
a user programmable value that is set by the value of the RSNS resistor. A second, outer control loop reduces the
average current delivered to the pack in order to clamp the voltage at the BAT pin to a maximum of VMCV. The
bq2000 modulates the MOD pin to regulate the current and voltage of the pack. The bq2000 monitors charge
current at the SNS input by sensing the voltage drop across a sense-resistor, RSNS, in series with the battery
pack. See Figure 9 for a typical current-sensing circuit.
Figure 9. Current-Sensing Circuit
RSNS is sized to provide the desired fast-charge current (IMAX).
(4)
If the voltage at the SNS pin is greater than VSNSLO or less than VSNSHI, the bq2000 switches the MOD output
high to pass charge current to the battery. When the SNS voltage is less than VSNSLO or greater than VSNSHI, the
bq2000 switches the MOD output low to shut off charging current to the battery. A hysteresis capacitor (CHYS) is
required between the CMOD pin and the SNS pin to add a healthy amount of hysteresis to the current sense
signal. Typical hysteresis values are between 5 and 25 mV. The amount of hysteresis can be calculated by
examining the capacitive divider formed by CHYS and Cf.
(5)
Being a hysteretic controller, the switching frequency of the bq2000 is determined by the values of several of the
external circuit components. The components that affect the switching frequency are: input voltage, RSNS value,
inductor value, hysteresis capacitor value (CHYS), and the value of the filter on the current sense signal (Rf and Cf
values). Rf and Cf have the most impact on the switching frequency and are also the components that are
easiest to change to adjust the frequency, as they do not affect anything else in the circuit (besides, of course,
the cleanliness and quality of the current sense signal being fed to the bq2000). In general, increasing the input
12
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): bq2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com