Electronic Components Datasheet Search
  English  ▼

X  

ADS8380 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8380
Description  18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8380 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS8380 Datasheet HTML 17Page - Texas Instruments ADS8380 Datasheet HTML 18Page - Texas Instruments ADS8380 Datasheet HTML 19Page - Texas Instruments ADS8380 Datasheet HTML 20Page - Texas Instruments ADS8380 Datasheet HTML 21Page - Texas Instruments ADS8380 Datasheet HTML 22Page - Texas Instruments ADS8380 Datasheet HTML 23Page - Texas Instruments ADS8380 Datasheet HTML 24Page - Texas Instruments ADS8380 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
www.ti.com
ADS8380
REFM
REFIN
REFOUT
AGND
0.1 mF
1 mF
ADS8380
REFM
REFIN
REFOUT
AGND
0.1 mF
1 mF
External
Reference
ADS8380
AGND
+VA
_
+
53 W
53 W
40 pF
40 pF
+IN
−IN
AGND
ANALOG INPUT
ADS8380
SLAS387A – NOVEMBER 2004 – REVISED DECEMBER 2004
PRINCIPLES OF OPERATION (continued)
Figure 48. ADS8380 Using Internal Reference
The REFIN pin is also internally buffered. This eliminates the need to put a high bandwidth buffer on the board
to drive the ADC reference and saves system area and power. When an external reference is used, the
reference must be of low noise, which may be achieved by the addition of bypass capacitors from the REFIN pin
to the REFM pin. See Figure 49 for operation of the ADS8380 with an external reference. REFM must be
connected to the analog ground plane.
Figure 49. ADS8380 Using External Reference
Figure 50. Simplified Analog Input
When the converter enters hold mode, the voltage difference between the +IN and –IN inputs is captured on the
internal capacitor array. The +IN input has a range of –0.2 V to (+VREF + 0.2 V), whereas the –IN input has a
range of –0.2 V to +0.2 V. The input span (+IN – (–IN)) is limited from 0 V to VREF.
The input current on the analog inputs depends upon throughput and the frequency content of the analog input
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com