Electronic Components Datasheet Search
  English  ▼

X  

ADS8380 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8380
Description  18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8380 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8380 Datasheet HTML 9Page - Texas Instruments ADS8380 Datasheet HTML 10Page - Texas Instruments ADS8380 Datasheet HTML 11Page - Texas Instruments ADS8380 Datasheet HTML 12Page - Texas Instruments ADS8380 Datasheet HTML 13Page - Texas Instruments ADS8380 Datasheet HTML 14Page - Texas Instruments ADS8380 Datasheet HTML 15Page - Texas Instruments ADS8380 Datasheet HTML 16Page - Texas Instruments ADS8380 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
www.ti.com
4.066
4.076
4.086
4.096
4.106
4.116
4.126
−40 −25 −10
5
20
35
50
65
80
80
TA − Free-Air Temperature − °C
+VA = 5 V,
+VBD = 5 V,
TA − Free-Air Temperature − °C
Max
Min
+VA = 5 V,
+VBD = 5 V,
REFIN = 4.096 V
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
−40 −25 −10
5
20
35
50
65
80
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
5
10
15
20
+VBD = 2.7 V
+VBD = 5 V
CL − Load Capacitance − pF
+VA = 5 V,
TA = 85°C
4.092
4.094
4.096
4.098
4.1
4.102
4.75
5
5.25
+VBD = 5 V,
TA = 25°C
+VA − Analog Supply Voltage − V
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
0
32768
65536
98304
131072
163840
196608
229376
262144
+VA = 5 V,
+VBD = 5 V,
fs = 600 KSPS,
REFIN = 4.096 V,
TA = 25°C
Straight Binary Code in Decimal
ADS8380
SLAS387A – NOVEMBER 2004 – REVISED DECEMBER 2004
TYPICAL CHARACTERISTICS (continued)
INTEGRAL NONLINEARITY
INTERNAL VOLTAGE REFERENCE
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 30.
Figure 31.
INTERNAL VOLTAGE REFERENCE
DELAY TIME
vs
vs
SUPPLY VOLTAGE
LOAD CAPACITANCE
Figure 32.
Figure 33.
DIFFERENTIAL NONLINEARITY
Figure 34.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com