Electronic Components Datasheet Search
  English  ▼

X  

ADS8380 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8380
Description  18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8380 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8380 Datasheet HTML 4Page - Texas Instruments ADS8380 Datasheet HTML 5Page - Texas Instruments ADS8380 Datasheet HTML 6Page - Texas Instruments ADS8380 Datasheet HTML 7Page - Texas Instruments ADS8380 Datasheet HTML 8Page - Texas Instruments ADS8380 Datasheet HTML 9Page - Texas Instruments ADS8380 Datasheet HTML 10Page - Texas Instruments ADS8380 Datasheet HTML 11Page - Texas Instruments ADS8380 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Vref − Reference Voltage − V
85
86
87
88
89
90
91
92
2.5
3
3.5
4
fi = 1 kHz,
+VA = 5 V,
+VBD = 5 V,
TA = 25°C
85
86
87
88
89
90
91
92
2.5
3
3.5
4
fi = 1 kHz,
+VA = 5 V,
+VBD = 5 V,
TA = 25°C
Vref − Reference Voltage − V
fi = 1 kHz,
+VA = 5 V,
+VBD = 5 V,
TA = 25°C
Vref − Reference Voltage − V
116
116.5
117
117.5
118
118.5
119
119.5
120
2.5
3
3.5
4
fi = 1 kHz,
+VA = 5 V,
+VBD = 5 V,
TA = 25°C
−114.5
−114
−113.5
−113
−112.5
−112
2.5
3
3.5
4
Vref − Reference Voltage − V
TA − Free-Air Temperature − °C
fi = 1 kHz,
+VA = 5 V,
+VBD = 5 V,
REFIN = 4.096 V
14.75
14.8
14.85
14.9
14.95
15
−40 −25 −10
5
20
35
50
65
80
13.8
14
14.2
14.4
14.6
14.8
15
2.5
3
3.5
4
fi = 1 kHz,
+VA = 5 V,
+VBD = 5 V,
TA = 25°C
Vref − Reference Voltage − V
ADS8380
SLAS387A – NOVEMBER 2004 – REVISED DECEMBER 2004
SIGNAL-TO-NOISE
SIGNAL-TO-NOISE RATIO
AND DISTORTION
vs
vs
REFERENCE VOLTAGE
REFERENCE VOLTAGE
Figure 1.
Figure 2.
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
vs
vs
REFERENCE VOLTAGE
REFERENCE VOLTAGE
Figure 3.
Figure 4.
EFFECTIVE NUMBER OF BITS
EFFECTIVE NUMBER OF BITS
vs
vs
REFERENCE VOLTAGE
FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com