Electronic Components Datasheet Search
  English  ▼

X  

CC1150RSTR Datasheet(PDF) 34 Page - Texas Instruments

Part # CC1150RSTR
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150RSTR Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC1150RSTR Datasheet HTML 30Page - Texas Instruments CC1150RSTR Datasheet HTML 31Page - Texas Instruments CC1150RSTR Datasheet HTML 32Page - Texas Instruments CC1150RSTR Datasheet HTML 33Page - Texas Instruments CC1150RSTR Datasheet HTML 34Page - Texas Instruments CC1150RSTR Datasheet HTML 35Page - Texas Instruments CC1150RSTR Datasheet HTML 36Page - Texas Instruments CC1150RSTR Datasheet HTML 37Page - Texas Instruments CC1150RSTR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
The default value for GDO0 is a 125 to 146 kHz clock output (XOSC frequency divided by 192). Because
the XOSC is turned on at power-on-reset, this can be used to clock the MCU in systems with only one
crystal. When the MCU is up and running it can change the clock frequency by writing to
IOCFG0.GDO0_CFG.
An on-chip analog temperature sensor is enabled by writing the value 128 (0x80h) to the
IOCFG0.GDO0_CFG register. The voltage on the GDO0 pin is then proportional to temperature. See
Section 4.9 for temperature sensor specifications.
Table 5-10. GDO signal selection(x = 0 or 1)
GDOx_CFG[5:0]
DESCRIPTION
0 (0x00)
Reserved – defined on the transceiver version (CC1101).
1 (0x01)
Reserved – defined on the transceiver version (CC1101).
Associated to the TX FIFO: Asserts when the TX FIFO is filled at or above the TX FIFO threshold. De-asserts
2 (0x02)
when the TX FIFO is below the same threshold.
Associated to the TX FIFO: Asserts when TX FIFO is full. De-asserts when the TX FIFO is drained below the
3 (0x03)
TX FIFO threshold.
4 (0x04)
Reserved – defined on the transceiver version (CC1101).
5 (0x05)
Asserts when the TX FIFO has underflowed. De-asserts when the FIFO is flushed.
Asserts when sync word has been sent, and de-asserts at the end of the packet. In TX the pin will also de-
6 (0x06)
assert if the TX FIFO underflows.
7 (0x07)
Reserved – defined on the transceiver version (CC1101).
8 (0x08)
Reserved – defined on the transceiver version (CC1101).
9 (0x09)
Reserved – defined on the transceiver version (CC1101).
Lock detector output. The PLL is in lock if the lock detector output has a positive transition or is constantly
10 (0x0A)
logic high. To check for PLL lock the lock detector output should be used as an interrupt for the MCU.
Serial Clock. Synchronous to the data in synchronous serial mode.
11 (0x0B)
In TX mode, data is sampled by CC1150 on the rising edge of the serial clock when GDOx_INV=0.
12 (0x0C)
Reserved – defined on the transceiver version (CC1101).
13 (0x0D)
Reserved – defined on the transceiver version (CC1101).
14 (0x0E)
Reserved – defined on the transceiver version (CC1101).
15 (0x0F)
Reserved – defined on the transceiver version (CC1101).
16 (0x10)
Reserved – used for test.
17 (0x11)
Reserved – used for test.
18 (0x12)
Reserved – used for test.
19 (0x13)
Reserved – used for test.
20 (0x14)
Reserved – used for test.
21 (0x15)
Reserved – used for test.
22 (0x16)
Reserved – defined on the transceiver version (CC1101).
23 (0x17)
Reserved – defined on the transceiver version (CC1101).
24 (0x18)
Reserved – used for test.
25 (0x19)
Reserved – used for test.
26 (0x1A)
Reserved – used for test.
27 (0x1B)
PA_PD. PA is enabled when 1, in power-down when 0.
28 (0x1C)
Reserved – defined on the transceiver version (CC1101).
29 (0x1D)
Reserved – defined on the transceiver version (CC1101).
30 (0x1E)
Reserved – used for test.
31 (0x1F)
Reserved – used for test.
32 (0x20)
Reserved – used for test.
33 (0x21)
Reserved – used for test.
34 (0x22)
Reserved – used for test.
35 (0x23)
Reserved – used for test.
34
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com