Electronic Components Datasheet Search
  English  ▼

X  

CC1150RSTR Datasheet(PDF) 49 Page - Texas Instruments

Part # CC1150RSTR
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150RSTR Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC1150RSTR Datasheet HTML 45Page - Texas Instruments CC1150RSTR Datasheet HTML 46Page - Texas Instruments CC1150RSTR Datasheet HTML 47Page - Texas Instruments CC1150RSTR Datasheet HTML 48Page - Texas Instruments CC1150RSTR Datasheet HTML 49Page - Texas Instruments CC1150RSTR Datasheet HTML 50Page - Texas Instruments CC1150RSTR Datasheet HTML 51Page - Texas Instruments CC1150RSTR Datasheet HTML 52Page - Texas Instruments CC1150RSTR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
Table 5-40. 0x2A: PTEST – Production Test
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
PTEST[7:0]
R/W
0x7F
Writing 0xBF to this register makes the on-
chip temperature sensor available in the IDLE
state. The default 0x7F value should then be
written back before leaving the IDLE state.
Other use of this register is for test only.
Table 5-41. 0x2C: TEST2 – Various Test Settings
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
TEST2[7:0]
R/W
The value to use in this register is given by
the SmartRF Studio [11] software.
Table 5-42. 0x2D: TEST1 – Various Test Settings
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
TEST1[7:0]
R/W
0x21
The value to use in this register is given by
the SmartRF Studio [11] software.
Table 5-43. 0x2E: TEST0 – Various Test Settings
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:2
TEST0[7:2]
R/W
0x02
The value to use in this register is given by
the SmartRF Studio [11] software.
1
VCO_SEL_CAL_EN
R/W
0x1
Enable VCO selection calibration stage when
1. The value to use in this register is given by
the SmartRF Studio [11] software.
0
TEST0[0]
R/W
0x1
The value to use in this register is given by
the SmartRF Studio [11] software.
5.20.2 Status Register Details
Table 5-44. 0x30 (0xF0): PARTNUM – Chip ID
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
PARTNUM[7:0]
R
0x02
Chip part number.
Table 5-45. 0x31 (0xF1): VERSION – Chip ID
BIT
FIELD
TYPE
RESET
DESCRIPTION
7:0
VERSION[7:0]
R
0x04
Chip version number.
Subject to change without notice
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
49
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com