Electronic Components Datasheet Search
  English  ▼

X  

CC1150RSTR Datasheet(PDF) 52 Page - Texas Instruments

Part # CC1150RSTR
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150RSTR Datasheet(HTML) 52 Page - Texas Instruments

Back Button CC1150RSTR Datasheet HTML 48Page - Texas Instruments CC1150RSTR Datasheet HTML 49Page - Texas Instruments CC1150RSTR Datasheet HTML 50Page - Texas Instruments CC1150RSTR Datasheet HTML 51Page - Texas Instruments CC1150RSTR Datasheet HTML 52Page - Texas Instruments CC1150RSTR Datasheet HTML 53Page - Texas Instruments CC1150RSTR Datasheet HTML 54Page - Texas Instruments CC1150RSTR Datasheet HTML 55Page - Texas Instruments CC1150RSTR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
1.8 V-3.6 V power supply
1 SCLK
2 SO
(GDO1)
3 DVDD
4 DCOUPL
AVDD 12
RF_N 11
RF_P 10
CSn 9
XTAL
R141
C51
C71
C41
CSn
GDO0
(optional)
SO
(GDO1)
SCLK
SI
CC1150
DIE ATTACH PAD:
Antenna
(50 Ohm)
L101
C105
L111
L104
C101
C102
L102
L112
C104
C111
L103
C103
C106
L105
C106 and L105 may
be added to build an
optional filter to reduce
emission at 699 MHz
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
Figure 6-2. Typical Application and Evaluation Circuit 868/915 MHz
(Excluding Supply Decoupling Capacitors)
Table 6-1. Overview of External Components (Excluding Supply Decoupling Capacitors)
COMPONENT
DESCRIPTION
C41
Decoupling capacitor for on-chip voltage regulator to digital part
C51/C71
Crystal loading capacitors
C101/C111
RF balun/matching capacitors
C102
RF LC filter/matching filter capacitor (315 and 433 MHz). RF balun/matching capacitor (868/915 MHz).
C103
RF LC filter/matching capacitors
C104
RF balun DC blocking capacitor
C105
RF LC filter DC blocking capacitor and part of optional RF LC filter (868/915 MHz)
C106
Part of optional RF LC filter and DC Block (868/915 MHz)
L101/L111
RF balun/matching inductors (inexpensive multi-layer type)
RF LC filter/matching filter inductor (315 and 433 MHz). RF balun/matching inductor (868/915 MHz)
L102
(inexpensive multi-layer type)
L103
RF LC filter/matching inductor (inexpensive multi-layer type)
L104
RF LC filter/matching inductor (inexpensive multi-layer type)
L105
Part of optional RF LC filter (868/915 MHz)(inexpensive multi-layer type)
R141
Resistor for internal bias current reference
XTAL
26 to 27 MHz crystal
52
Applications, Implementation, and Layout
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com