Electronic Components Datasheet Search
  English  ▼

X  

CC2400RSU Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400RSU
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400RSU Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC2400RSU Datasheet HTML 45Page - Texas Instruments CC2400RSU Datasheet HTML 46Page - Texas Instruments CC2400RSU Datasheet HTML 47Page - Texas Instruments CC2400RSU Datasheet HTML 48Page - Texas Instruments CC2400RSU Datasheet HTML 49Page - Texas Instruments CC2400RSU Datasheet HTML 50Page - Texas Instruments CC2400RSU Datasheet HTML 51Page - Texas Instruments CC2400RSU Datasheet HTML 52Page - Texas Instruments CC2400RSU Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
CC2400
SWRS042A
Page 49 of 83
43 Crystal Oscillator
An external clock signal or the internal
crystal oscillator can be used as main
frequency
reference.
The
reference
frequency must be 16 MHz. Because the
crystal frequency is used as reference for
the data rate as well as other internal
signal
processing
functions,
other
frequencies cannot be used.
If an external clock signal is used this
should be connected to XOSC16_Q1,
while XOSC16_Q2 should be left open. If
rail-to-rail (1.8V) square-wave signal is
used, the MAIN.XOSC16M_BYPASS bit
must be set. It is also possible to use a
sine-wave input. A voltage swing of 200
mV peak-to-peak is recommended in this
case.
Using the internal crystal oscillator, the
crystal must be connected between the
XOSC16_Q1 and XOSC16_Q2 pins. The
oscillator is designed for parallel mode
operation of the crystal. In addition,
loading capacitors (C5 and C6) for the
crystal are required. The loading capacitor
values
depend
on
the
total
load
capacitance, CL, specified for the crystal.
The total load capacitance seen between
the crystal terminals should equal CL for
the crystal to oscillate at the specified
frequency.
parasitic
L
C
C
C
C
+
+
=
431
1
421
1
1
The parasitic capacitance is constituted by
pin input capacitance and PCB stray
capacitance.
The
total
parasitic
capacitance is typically 5 pF.
The crystal oscillator circuit is shown in
Figure 23. Typical component values for
different values of CL are given in Table
20. Note that these values will depend on
the PCB layout and the crystal used.
Determination of the values should be
done by measuring RF frequency on
several boards and adjusting the values of
the loading capacitors accordingly.
The
crystal
oscillator
is
amplitude
regulated. This means that a high current
is used to start up the oscillations. When
the amplitude builds up, the current is
reduced to what is necessary to maintain
a stable oscillation. This ensures a fast
start-up and keeps the drive level to a
minimum. The ESR of the crystal should
be within the specification in order to
ensure a reliable start-up (see the
Electrical Specifications section).
A small SMD crystal is used in the
reference design; note that the crystal
package strongly influences the price. In a
low-cost design, it may be preferable to
use a larger crystal package.
The required accuracy of the crystal is
determined by the receive filtering. Figure
19 shows how sensitivity varies with the
frequency offset between the transmitter
and the receiver. It is important to take the
total
tolerance
of
the
crystal
into
consideration; this consists of the initial
tolerance, drift due to temperature and
aging.
C431
C421
XTA L
XOSC16_Q1
XOSC16_Q2
C431
C421
XTA L
XTA L
XOSC16_Q1
XOSC16_Q2
Figure 23. Crystal oscillator circuit
Item
CL= 16 pF
C421
22 pF
C431
22 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com