Electronic Components Datasheet Search
  English  ▼

X  

CC2400RSU Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400RSU
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400RSU Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2400RSU Datasheet HTML 3Page - Texas Instruments CC2400RSU Datasheet HTML 4Page - Texas Instruments CC2400RSU Datasheet HTML 5Page - Texas Instruments CC2400RSU Datasheet HTML 6Page - Texas Instruments CC2400RSU Datasheet HTML 7Page - Texas Instruments CC2400RSU Datasheet HTML 8Page - Texas Instruments CC2400RSU Datasheet HTML 9Page - Texas Instruments CC2400RSU Datasheet HTML 10Page - Texas Instruments CC2400RSU Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
CC2400
SWRS042A
Page 7 of 83
5
Electrical Specifications
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Current Consumption,
Power Down mode (OFF)
Current Consumption,
Idle mode (IDLE)
Current Consumption,
Frequency synthesizer (FS_ON)
1.5
1.2
6.3
5
µA
mA
mA
Oscillator core off
Current Consumption,
Receive mode
24
mA
Current Consumption,
Transmit mode:
P=−25 dBm
P=−5 dBm
P=0 dBm
11
15
19
mA
mA
mA
The output power is delivered
differentially to a 50
Ω single-
ended load through a balun, see
also p. 50.
Current Consumption, crystal
oscillator core
38
µA
16 MHz, 16 pF load crystal
Table 1 Electrical specifications
6
General Characteristics
Tc = 25
°C, AVDD/DVDD1.8 = 1.8 V, DVDD3.3 = 3.3V (digital I/O) if nothing else stated. Measured on Chipcon’s
CC2400EM reference design.
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
RF Frequency Range
2400
2483
MHz
Programmable in 1 MHz channel
steps.
Data rate
10
250
1
kbps
kbps
Mbps
Data rate is
programmable/selectable, see
page 40
Table 2 General characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com