Electronic Components Datasheet Search
  English  ▼

X  

CC2400RSU Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400RSU
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400RSU Datasheet(HTML) 63 Page - Texas Instruments

Back Button CC2400RSU Datasheet HTML 59Page - Texas Instruments CC2400RSU Datasheet HTML 60Page - Texas Instruments CC2400RSU Datasheet HTML 61Page - Texas Instruments CC2400RSU Datasheet HTML 62Page - Texas Instruments CC2400RSU Datasheet HTML 63Page - Texas Instruments CC2400RSU Datasheet HTML 64Page - Texas Instruments CC2400RSU Datasheet HTML 65Page - Texas Instruments CC2400RSU Datasheet HTML 66Page - Texas Instruments CC2400RSU Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
CC2400
SWRS042A
Page 63 of 83
Bit
Field Name
Reset
R/W
Description
2:0
TC_TXEND2PAOFF[2:0]
4
R/W
The time in µs from TX is stopped until the TX chain is turned off
and the state machine goes to the next state. The PKT signal will
then go low. This value must be greater than
TC_TXEND2SWITCH[2:0]
.
RESERVED (0x0C) - Reserved register containing spare control and status bits
Bit
Field Name
Reset
R/W
Description
15:5
RES[15:5]
0
R/W
Reserved
4:0
RES[4:0]
0
R/W
Reserved
MANAND (0x0D) - Manual signal AND override register
2
Bit
Field Name
Reset
R/W
Description
15
VGA_RESET_N
1
R/W
Overrides VGA_RESET_N used to reset the peak detectors in
the VGA in the RX chain.
Must be set to 0 during chip initialization.
14
LOCK_STATUS
1
R/W
Overrides the LOCK_STATUS top-level signal that indicates
whether VCO lock is achieved or not.
13
BALUN_CTRL
1
R/W
Overrides the BALUN_CTRL signal that controls whether the PA
should receive its required external biasing (1) or not (0) by
controlling the RX/TX output switch.
12
RXTX
1
R/W
Overrides the RXTX signal that controls whether the LO buffers
(0) or PA buffers (1) should be used.
11
PRE_PD
1
R/W
Power down of prescaler.
10
PA_N_PD
1
R/W
Power down of PA (negative path).
9
PA_P_PD
1
R/W
Power down of PA (positive path). When PA_N_PD=1 and
PA_P_PD=1 the up-conversion mixers are in powerdown.
8
DAC_LPF_PD
1
R/W
Power down of TX DACs.
7
BIAS_PD
1
R/W
Power down control of global bias generator + XOSC clock
buffer.
6
XOSC16M_PD
1
R/W
Power down control of 16 MHz XOSC core.
5
CHP_PD
1
R/W
Power down control of charge pump.
4
FS_PD
1
R/W
Power down control of VCO, I/Q generator, LO buffers.
2 For some important signals the value can be overridden manually by the MANAND and MANOVR registers. This is
done as follows for the hypothetical important signal IS:
IS_USED = (IS * IS_AND_MASK) + IS_OR_MASK,
using Boolean notation.
The AND-mask and OR-mask for the important signals listed resides in the MANAND and MANOR registers,
respectively.
Examples:
•
Writing 0xFFFE to MANAND and 0x0000 to MANOR will force LNAMIX_PD=0 whereas all other signals will be
unaffected.
•
Writing 0xFFFF to MANAND and 0x0001 to MANOVR will force LNAMIX_PD=1 whereas all other signals will be
unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com