Electronic Components Datasheet Search
  English  ▼

X  

AFE1124 Datasheet(PDF) 4 Page - Texas Instruments

Part # AFE1124
Description  HDSL/MDSL ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE1124 Datasheet(HTML) 4 Page - Texas Instruments

  AFE1124 Datasheet HTML 1Page - Texas Instruments AFE1124 Datasheet HTML 2Page - Texas Instruments AFE1124 Datasheet HTML 3Page - Texas Instruments AFE1124 Datasheet HTML 4Page - Texas Instruments AFE1124 Datasheet HTML 5Page - Texas Instruments AFE1124 Datasheet HTML 6Page - Texas Instruments AFE1124 Datasheet HTML 7Page - Texas Instruments AFE1124 Datasheet HTML 8Page - Texas Instruments AFE1124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
®
AFE1124
PIN #
TYPE
NAME
DESCRIPTION
1
No Connection
NC
2
No Connection
NC
3
Power
DVDD
Digital Supply (+3.3 to +5V)
4
Ground
DGND
Digital Ground
5
Input
txbaudCLK
Transmit Baud Clock (584kHz for E1)
6
Input
tx48xCLK
Transmit Clock at 48x baud clock (28.032MHz for E1)
7
Input
Data In
Input Data Word
8
Input
rxbaudCLK
Receive baud clock (584kHz for E1)
9
Input
rx48xCLK
Receive clock at 48x baud clock (28.032MHz for E1)
10
Output
Data Out
Output Data Word
11
Power
DVDD
Digital Supply (+3.3 to +5V)
12
Ground
DGND
Digital Ground
13
Power
AVDD
Analog Supply (+5V)
14
Input
rxHYB–
Negative input from hybrid network
15
Input
rxHYB+
Positive input from hybrid network
16
Input
rxLINE–
Negative line input
17
Input
rxLINE+
Positive line input
18
Ground
AGND
Analog Ground
19
Output
vrREFP
Positive reference output
20
Output
VCM
Common-mode voltage (buffered)
21
Output
vrREFN
Negative reference output
22
Power
AVDD
Analog Supply (+5V)
23
Ground
AGND
Analog Ground
24
Output
txLINE–
Negative line output
25
Power
AVDD
Output buffer supply (+5V)
26
Output
txLINE+
Positive line output
27
Ground
AGND
Output buffer ground
28
No Connection
NC
PIN DESCRIPTIONS
BLOCK DIAGRAM
Pulse
Former
Filter
txbaudCLK
tx48xCLK
Data In
rxbaudCLK
rx48xCLK
Data Out
Output
Buffer
Voltage
Reference
∆Σ
Modulator
Transmit
Control
Receive
Control
Decimation
Filter
txLINE–
txLINE+
REFP
VCM
REFN
rxLINE+
rxLINE–
rxHYB+
rxHYB–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com