Electronic Components Datasheet Search
  English  ▼

X  

AFE1124 Datasheet(PDF) 9 Page - Texas Instruments

Part # AFE1124
Description  HDSL/MDSL ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE1124 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE1124 Datasheet HTML 5Page - Texas Instruments AFE1124 Datasheet HTML 6Page - Texas Instruments AFE1124 Datasheet HTML 7Page - Texas Instruments AFE1124 Datasheet HTML 8Page - Texas Instruments AFE1124 Datasheet HTML 9Page - Texas Instruments AFE1124 Datasheet HTML 10Page - Texas Instruments AFE1124 Datasheet HTML 11Page - Texas Instruments AFE1124 Datasheet HTML 12Page - Texas Instruments AFE1124 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
®
AFE1124
For the transmit channel, the pulse shape and the power
spectral density scale directly with the clock rate. The power
spectral density shown in Curve 1 and the pulse template
shown in Curve 2 are measured at the output of the trans-
former. The transformer and the RC circuit on the output
provide some smoothing for the output transmission. At
lower bit rates, the amount of smoothing will be less.
RXHYB AND RXLINE INPUT
ANTI-ALIASING FILTERS
An external input antialiasing filter is needed on the hybrid
and line inputs as shown in the Basic Connection Diagram
above. The –3dB frequency of the input anti-aliasing filter
for the rxLINE and rxHYB differential inputs should be
approximately 1MHz for T1 and E1 symbol rates. Suggested
values for the filter are 750
Ω for each of the two input
resistors and 100pF for the capacitor. Together the two
750
Ω resistors and the 100pF capacitor result in a 3dB
frequency of just over 1MHz. The 750
Ω input resistors will
result in minimal voltage divider loss with the input imped-
ance of the AFE1124.
The antialiasing filters will give best performance with 3dB
frequency approximately equal to the bit rate. For instance,
a 3dB frequency of 320kHz may be used for a single line bit
rate of 320k bits per second.
FIGURE 6. Basic Connection Diagram.
REF
P
V
CM
REF
N
DV
DD DVDD
AV
DD
AFE1124
AV
DD
AV
DD
rxbaudCLK
rx48xCLK
Data Out
txbaudCLK
tx48xCLK
Data In
HDSL DSP
GNDA
GNDA
GNDA
txLINE+
txLINE–
rxHYB+
rxHYB–
rxLINE–
rxLINE+
0.01µF
–
–
+
+
Compromise
Hybrid
Input Antialias Filter
fc
≅ 2 x Symbol Rate
0.01µF
5V Analog
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
1 - 10µF
100pF
750
Ω
100pF
750
Ω
750
Ω
13
Ω
13
Ω
750
Ω
5V to 3.3V Digital
1:2 Transformer
Tip
Ring
0.1µF
0.1µF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com