Electronic Components Datasheet Search
  English  ▼

X  

AFE1124 Datasheet(PDF) 5 Page - Texas Instruments

Part # AFE1124
Description  HDSL/MDSL ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE1124 Datasheet(HTML) 5 Page - Texas Instruments

  AFE1124 Datasheet HTML 1Page - Texas Instruments AFE1124 Datasheet HTML 2Page - Texas Instruments AFE1124 Datasheet HTML 3Page - Texas Instruments AFE1124 Datasheet HTML 4Page - Texas Instruments AFE1124 Datasheet HTML 5Page - Texas Instruments AFE1124 Datasheet HTML 6Page - Texas Instruments AFE1124 Datasheet HTML 7Page - Texas Instruments AFE1124 Datasheet HTML 8Page - Texas Instruments AFE1124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
®
AFE1124
TYPICAL PERFORMANCE CURVES
At Output of HDSL Pulse Transformer
The curves shown below are measured at the line output of the HDSL transformer. Typical at 25
°C, AV
DD+ = +5V, DVDD+ = +3.3V, fTX = 1168kHz, unless otherwise specified.
CURVE 1. Upper Bound of Power Spectral Density Measured at Output of HDSL Transformer.
1K
–20
–40
–60
–80
–100
–120
10K
100K
POWER SPECTRAL DENSITY LIMIT
Frequency (Hz)
1M
10M
–38dBm/Hz for T1
–40dBm/Hz for E1
196kHz
292kHz
–80dB/decade
T1
–120dBm/Hz
for E1
–118dBm/Hz
for T1
E1
CURVE 3. Input Impedance of rxLINE and rxHYB.
0.4T
B = 1.07
C = 1.00
D = 0.93
0.4T
–0.6T
–1.2T
A = 0.01
E = 0.03
G = –0.16
14T
H = –0.05
50T
F = –0.01
A = 0.01
F = –0.01
0.5T
1.25T
CURVE 2. Transmitted Pulse Template Measured at HDSL Transformer Output.
100
200
150
100
50
0
300
500
INPUT IMPEDANCE vs BIT RATE
Bit Rate (kbps)
700
900
1300
1100
T1 = 784kbps,
32k
Ω
E1 = 1168kbps,
21k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com