Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1806 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 28Page - Texas Instruments AM1806 Datasheet HTML 29Page - Texas Instruments AM1806 Datasheet HTML 30Page - Texas Instruments AM1806 Datasheet HTML 31Page - Texas Instruments AM1806 Datasheet HTML 32Page - Texas Instruments AM1806 Datasheet HTML 33Page - Texas Instruments AM1806 Datasheet HTML 34Page - Texas Instruments AM1806 Datasheet HTML 35Page - Texas Instruments AM1806 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 245 page
background image
AM1806
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
www.ti.com
3.7.10
Enhanced Pulse Width Modulators (eHRPWM)
Table 3-12. Enhanced Pulse Width Modulator (eHRPWM) Terminal Functions
SIGNAL
POWER
TYPE(1)
PULL(2)
DESCRIPTION
GROUP(3)
NAME
NO.
eHRPWM0
eHRPWM0 A output
SPI0_CLK / EPWM0A / GP1[8]
D19
I/O
CP[7]
A
(with high-resolution)
SPI0_ENA / EPWM0B / PRU0_R30[6]
C17
I/O
CP[7]
A
eHRPWM0 B output
AXR15 / EPWM0TZ[0] / ECAP2_APWM2 / GP0[7]
A4
I
CP[1]
A
eHRPWM0 trip zone input
SPI0_SOMI / EPWMSYNCI / GP8[6]
C16
I
CP[7]
A
eHRPWM0 sync input
SPI0_SIMO / EPWMSYNCO / GP8[5]
C18
I/O
CP[7]
A
eHRPWM0 sync output
eHRPWM1
SPI1_SCS[1] / EPWM1A / PRU0_R30[8] / GP2[15] /
eHRPWM1 A output
F18
I/O
CP[14]
A
TM64P2_IN12
(with high-resolution)
SPI1_SCS[0] / EPWM1B / PRU0_R30[7] / GP2[14] /
E19
I/O
CP[14]
A
eHRPWM1 B output
TM64P3_IN12
AXR7 / EPWM1TZ[0] / PRU0_R30[17] / GP1[15] /
D2
I
CP[4]
A
eHRPWM1 trip zone input
PRU0_R31[7]
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor; IPU = Internal Pullup resistor; CP[n] = configurable pull-up/pull-down (where n is the pin group) using
the PUPDENA and PUPDSEL registers in the System Module. The pull-up and pull-down control of these pins is not active until the
device is out of reset. During reset, all of the pins associated with these registers are pulled down. If the application requires a pull-up,
an external pull-up can be used. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see the Device Configuration section. For electrical specifications on pullup and internal pulldown
circuits, see the Device Operating Conditions section.
(3)
This signal is part of a dual-voltage IO group (A, B or C). These groups can be operated at 3.3V or 1.8V nominal. The three groups can
be operated at independent voltages but all pins withina group will operate at the same voltage. Group A operates at the voltage of
power supply DVDD3318_A. Group B operates at the voltage of power supply DVDD3318_B. Group C operates at the voltage of power
supply DVDD3318_C.
32
Device Overview
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com