Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1806 Datasheet(HTML) 53 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 49Page - Texas Instruments AM1806 Datasheet HTML 50Page - Texas Instruments AM1806 Datasheet HTML 51Page - Texas Instruments AM1806 Datasheet HTML 52Page - Texas Instruments AM1806 Datasheet HTML 53Page - Texas Instruments AM1806 Datasheet HTML 54Page - Texas Instruments AM1806 Datasheet HTML 55Page - Texas Instruments AM1806 Datasheet HTML 56Page - Texas Instruments AM1806 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 245 page
background image
AM1806
www.ti.com
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
3.7.25 Supply and Ground
Table 3-27. Supply and Ground Terminal Functions
SIGNAL
TYPE(1)
DESCRIPTION
NAME
NO.
E15, G7, G8,
G13, H6, H7,
H10, H11,
CVDD (Core supply)
H12, H13, J6,
PWR
Variable (1.2V - 1.0V) core supply voltage pins
J12, K6, K12,
L12, M8, M9,
N8
RVDD (Internal RAM supply)
E5, H14, N7
PWR
1.2V internal ram supply voltage pins
F14, G6, G10,
G11, G12,
1.8V I/O supply voltage pins. DVDD18 must be powered even if all of
DVDD18 (I/O supply)
PWR
J13, K5, L6,
the DVDD3318_x supplies are operated at 3.3V.
P13, R13
F5, F15, G5,
DVDD3318_A (I/O supply)
PWR
1.8V or 3.3-V dual-voltage LVCMOS I/O supply voltage pins, Group A
G14, G15, H5
E14, F6, F7,
F8, F10, F11,
DVDD3318_B (I/O supply)
PWR
1.8V or 3.3-V dual-voltage LVCMOS I/O supply voltage pins, Group B
F12, F13, G9,
J14, K15
J5, K13, L4,
L13, M13,
DVDD3318_C (I/O supply)
PWR
1.8V or 3.3-V dual-voltage LVCMOS I/O supply voltage pins, Group C
N13, P5, P6,
P12, R4
A19, H1, H2,
H8, H9, H15,
J7, J8, J9, J10,
J11, K1, K2,
K7, K8, K9,
K10, K11, L3,
VSS (Ground)
GND
Ground pins.
L5, L7, L8, L9,
L10, L11, M1,
M4, M5, M6,
M7, M10, M11,
N5, N11, N12,
P11
USB0_VDDA33
N18
PWR
USB0 PHY 3.3-V supply
USB0_VDDA18
N14
PWR
USB0 PHY 1.8-V supply input
USB0_VDDA12
N17
A
USB0 PHY 1.2-V LDO output for bypass cap
USB_CVDD
M12
PWR
USB0 core logic 1.2-V supply input
N10, P10, N9,
DDR_DVDD18
P9, R9, P8,
PWR
DDR PHY 1.8V power supply pins
R8, P7, R7, N6
(1)
PWR = Supply voltage, GND - Ground.
Copyright © 2010–2014, Texas Instruments Incorporated
Device Overview
53
Submit Documentation Feedback
Product Folder Links: AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com