Electronic Components Datasheet Search
  English  ▼

X  

B65813 Datasheet(PDF) 4 Page - TDK Electronics

Part # B65813
Description  Ferrites and accessories
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B65813 Datasheet(HTML) 4 Page - TDK Electronics

  B65813 Datasheet HTML 1Page - TDK Electronics B65813 Datasheet HTML 2Page - TDK Electronics B65813 Datasheet HTML 3Page - TDK Electronics B65813 Datasheet HTML 4Page - TDK Electronics B65813 Datasheet HTML 5Page - TDK Electronics B65813 Datasheet HTML 6Page - TDK Electronics B65813 Datasheet HTML 7Page - TDK Electronics B65813 Datasheet HTML 8Page - TDK Electronics B65813 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
02/16
Please read Cautions and warnings and
Important notes at the end of this document.
Ungapped
Material
AL value
nH
e
PV
W/set
Ordering code
-J without center hole
N30
7600 +30/–20%
2720
B65813J0000R030
T38
16000 +40/–30%
5720
B65813J0000Y038
N49
2900 +30/–20%
1040
< 0.75 ( 50 mT, 500 kHz,100 C)
B65813J0000R049
N87
4200 +30/–20%
1500
< 2.30 (200 mT, 100 kHz, 100 C)
B65813J0000R087
N97
4200 +30/–20%
1500
< 2.00 (200 mT, 100 kHz, 100 C)
B65813J0000R097
N41
5500 +30/–20%
1960
< 0.80 (200 mT, 25 kHz, 100 C)
B65813J0000R041
B65813
Core
RM 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com