Electronic Components Datasheet Search
  English  ▼

X  

B65813 Datasheet(PDF) 12 Page - TDK Electronics

Part # B65813
Description  Ferrites and accessories
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B65813 Datasheet(HTML) 12 Page - TDK Electronics

Back Button B65813 Datasheet HTML 6Page - TDK Electronics B65813 Datasheet HTML 7Page - TDK Electronics B65813 Datasheet HTML 8Page - TDK Electronics B65813 Datasheet HTML 9Page - TDK Electronics B65813 Datasheet HTML 10Page - TDK Electronics B65813 Datasheet HTML 11Page - TDK Electronics B65813 Datasheet HTML 12Page - TDK Electronics B65813 Datasheet HTML 13Page - TDK Electronics B65813 Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Symbol
Meaning
Unit
L/L
L0
LH
Lp
Lrev
Ls
le
lN
N
PCu
Ptrans
PV
PF
Q
R
RCu
Rh
Rh
Ri
Rp
Rs
Rth
RV
s
T
T
TC
t
tv
tan
tan L
tan r
tan e
tan h
tan / i
U
Û
Ve
Z
Zn
Relative inductance change
Inductance of coil without core
Main inductance
Parallel inductance
Reversible inductance
Series inductance
Effective magnetic path length
Average length of turn
Number of turns
Copper (winding) losses
Transferrable power
Relative core losses
Performance factor
Quality factor (Q =
L/Rs = 1/tan L)
Resistance
Copper (winding) resistance (f = 0)
Hysteresis loss resistance of a core
Rh change
Internal resistance
Parallel loss resistance of a core
Series loss resistance of a core
Thermal resistance
Effective loss resistance of a core
Total air gap
Temperature
Temperature difference
Curie temperature
Time
Pulse duty factor
Loss factor
Loss factor of coil
(Residual) loss factor at H
0
Relative loss factor
Hysteresis loss factor
Relative loss factor of material at H
0
RMS value of voltage
Peak value of voltage
Effective magnetic volume
Complex impedance
Normalized impedance |Z|n = |Z| /N2
(le/Ae)
H
H
H
H
H
H
mm
mm
W
W
mW/g
K/W
mm
°C
K
°C
s
V
V
mm3
/mm
12
02/16
Please read Cautions and warnings and
Important notes at the end of this document.
Symbols and terms
Ferrites and accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com