Electronic Components Datasheet Search
  English  ▼

X  

B65813 Datasheet(PDF) 7 Page - TDK Electronics

Part # B65813
Description  Ferrites and accessories
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B65813 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B65813 Datasheet HTML 3Page - TDK Electronics B65813 Datasheet HTML 4Page - TDK Electronics B65813 Datasheet HTML 5Page - TDK Electronics B65813 Datasheet HTML 6Page - TDK Electronics B65813 Datasheet HTML 7Page - TDK Electronics B65813 Datasheet HTML 8Page - TDK Electronics B65813 Datasheet HTML 9Page - TDK Electronics B65813 Datasheet HTML 10Page - TDK Electronics B65813 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
02/16
Please read Cautions and warnings and
Important notes at the end of this document.
Clamp
■ With ground terminal, made of stainless spring steel (tinned), 0.4 mm thick
■ Solderability to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 C, 2 s
■ Also available as strip clamp on reels on request
Insulating washer 1 between core and coil former
■ For tolerance compensation and for insulation
■ Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E
120 C), 0.08 mm thick
Aryphan F685, E167358 (M) , natural color, LOFO HIGH TECH FILM GMBH
Insulating washer 2 for double-clad PCBs
■ Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E
120 C), 0.25 mm thick
Makrofol FR7-2, E118859 (M) , natural color, BAYER MATERIALSCIENCE AG
Ordering code
Clamp (ordering code per piece, 2 are required)
B65814B2203X000
Insulating washer 1 (reel packing, PU = 1 reel)
B65814B5000X000
Insulating washer 2 (bulk)
B65814B2005X000
Clamp
Insulating washer 1
(preliminary data)
Insulating washer 2
B65814
Accessories
RM 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com