Electronic Components Datasheet Search
  English  ▼

X  

74ACT16254 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ACT16254
Description  16-BIT ADDRESS/DATA MULTIPLEXER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT16254 Datasheet(HTML) 4 Page - Texas Instruments

  74ACT16254 Datasheet HTML 1Page - Texas Instruments 74ACT16254 Datasheet HTML 2Page - Texas Instruments 74ACT16254 Datasheet HTML 3Page - Texas Instruments 74ACT16254 Datasheet HTML 4Page - Texas Instruments 74ACT16254 Datasheet HTML 5Page - Texas Instruments 74ACT16254 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
74ACT16254
16-BIT ADDRESS/DATA MULTIPLEXER
WITH 3-STATE OUTPUTS
SCAS527A – AUGUST 1995 – NOVEMBER 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
VCC = 4.5 V,
IOH = –100 µA
3
VOH
VCC = 5.5 V,
IOH = –100 µA
4.2
V
VCC = 4.5 V,
IOH = –12 mA
3
VOL
VCC = 4.5 V to 5.5 V,
IOL = 100 µA
0.1
V
VOL
VCC = 4.5 V,
IOL = 12 mA
0.4
V
II
VCC = 5.5 V,
VI = VCC or GND
Inputs only
±10
µA
I
hld
VCC= 4.5 V,
VI = 2 V
A B or C port
–100
µA
I
hold
VCC = 4.5 V,
VI = 0.8 V
A, B, or C port
100
µA
IOZ‡
VCC = 5.5 V,
VO = VCC or GND
±20
µA
ICC
VCC = 5.5 V,
IO = 0,
VI = VCC or GND
50
µA
nICC§
VCC = 5.5 V,
One input at 3.4 V,
500
µA
nICC§
Other inputs at VCC or GND
500
µA
Ci
VCC = 5 V,
VI = VCC or GND
3.5
pF
Cio
VCC = 5 V,
VO = VCC or GND
5
pF
† All typical values are at TA = 25°C.
‡ The parameter IOZ includes the input-leakage current.
§ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
UNIT
tpd
A or B
C
1.5
3.7
6.2
ns
tpd
C
A
1.5
3.3
5.5
ns
ten
EN1 or EN2
C
1.5
5.3
9.5
ns
tdis
EN1 or EN2
C
1.5
4.4
8
ns
ten
EN2
A
1.5
6.2
10.5
ns
tdis
EN2
A
1.5
4.8
8
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
Outputs enabled
CL =50 pF
f=10MHz
16
pF
Cpd
Power dissi ation ca acitance
Outputs disabled
CL = 50 F,
f = 10 MHz
2
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com