Electronic Components Datasheet Search
  English  ▼

X  

74ACT16254 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT16254
Description  16-BIT ADDRESS/DATA MULTIPLEXER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT16254 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT16254 Datasheet HTML 1Page - Texas Instruments 74ACT16254 Datasheet HTML 2Page - Texas Instruments 74ACT16254 Datasheet HTML 3Page - Texas Instruments 74ACT16254 Datasheet HTML 4Page - Texas Instruments 74ACT16254 Datasheet HTML 5Page - Texas Instruments 74ACT16254 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74ACT16254
16-BIT ADDRESS/DATA MULTIPLEXER
WITH 3-STATE OUTPUTS
SCAS527A – AUGUST 1995 – NOVEMBER 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D Latch-Up Performance Exceeds 500 mA
Per JEDEC Standard JESD-17
D Bus-Hold Inputs Eliminate the Need for
External Pullup Resistors
D Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 5 V, TA = 25°C
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D Packaged in Plastic Thin Shrink
Small-Outline (DGG) Package
description
The 74ACT16254 is a dual 16-bit, noninverting
bus-interface device. The A and C ports perform
a transceiver function, like that of the 74ACT245.
The B and C ports perform the buffer/driver
function of the 74ACT244. The A and C port
outputs are designed to sink up to 12 mA.
The 74ACT16254 is designed for asynchronous
communication between data buses. The control
function implementation minimizes external
timing requirements.
Data transmission from the A port to the C port,
C port to A port, or B port to C port is accomplished
by setting the appropriate logic levels on the bus
enable (EN1 and EN2) inputs.
All outputs are disabled when logic highs are
placed on both EN1 and EN2; the buses are
effectively isolated.
The 74ACT16254 is packaged in TI’s thin shrink
small-outline package (DGG), which provides
twice the I/O pin count and functionality of
standard small-outline packages in the same
printed-circuit-board area.
Active bus-hold circuitry is provided to hold unused or floating data and I/O pins at a valid logic level.
The 74ACT16254 is characterized for operation from – 40
°C to 85°C.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Widebus is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
B1
B3
B6
B7
B9
GND
B11
B13
B15
VCC
A16
A15
A14
GND
A13
A12
A11
A10
GND
A9
A8
A7
VCC
A6
A5
A4
GND
A3
A2
A1
EN2
EN1
B2
B4
B6
B8
B10
GND
B12
B14
B16
VCC
C16
C15
C14
GND
C13
C12
C11
C10
GND
C9
C8
C7
VCC
C6
C5
C4
GND
C3
C2
C1
NC
NC
DGG PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - 74ACT16254

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16254 TI1-74ACT16254 Datasheet
106Kb / 6P
16-BIT ADDRESS/DATA MULTIPLEXER
74ACT16254 TI1-74ACT16254_09 Datasheet
106Kb / 6P
16-BIT ADDRESS/DATA MULTIPLEXER
More results

Similar Description - 74ACT16254

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC354 MOTOROLA-MC54-74HC354 Datasheet
206Kb / 9P
8-Input Data Selector/Multiplexer With Data and Address Latches and 3-State Outputs
logo
Texas Instruments
SN74ALVCH162830 TI-SN74ALVCH162830 Datasheet
112Kb / 8P
1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCHS162830 TI-SN74ALVCHS162830 Datasheet
97Kb / 7P
1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162830 HITACHI-HD74ALVCH162830 Datasheet
55Kb / 11P
1-bit to 2-bit Address Driver with 3-state Outputs
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Texas Instruments
74ALVCHS162830A TI-74ALVCHS162830A Datasheet
136Kb / 8P
1-BIT TO 2-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16344 PERICOM-PI74ALVCH16344 Datasheet
466Kb / 7P
1-Bit to 4-Bit Address/Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162831 RENESAS-HD74ALVCH162831 Datasheet
2Mb / 13P
1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Texas Instruments
74ACT16254 TI1-74ACT16254_09 Datasheet
106Kb / 6P
16-BIT ADDRESS/DATA MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com