Electronic Components Datasheet Search
  English  ▼

X  

74ACT16254 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74ACT16254
Description  16-BIT ADDRESS/DATA MULTIPLEXER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT16254 Datasheet(HTML) 5 Page - Texas Instruments

  74ACT16254 Datasheet HTML 1Page - Texas Instruments 74ACT16254 Datasheet HTML 2Page - Texas Instruments 74ACT16254 Datasheet HTML 3Page - Texas Instruments 74ACT16254 Datasheet HTML 4Page - Texas Instruments 74ACT16254 Datasheet HTML 5Page - Texas Instruments 74ACT16254 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
74ACT16254
16-BIT ADDRESS/DATA MULTIPLEXER
WITH 3-STATE OUTPUTS
SCAS527A – AUGUST 1995 – NOVEMBER 1995
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500
Ω
500
Ω
tPHL
tPLH
PROPAGATION DELAY TIMES
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
3.5 V
3 V
0 V
1.5 V
1.5 V
VOH
VOL
0
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
≈ 0 V
ENABLE AND DISABLE TIMES
VOLTAGE WAVEFORMS
VOLTAGE WAVEFORMS
3 V
Input
Output
3 V
0 V
1.5 V
1.5 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
th
tsu
Data Input
Timing Input
1.5 V
3 V
0 V
1.5 V
1.5 V
3 V
0 V
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one input transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPHL and tPLH are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com