Electronic Components Datasheet Search
  English  ▼

X  

DAC7614EB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7614EB
Description  Quad, Serial Input, 12-Bit, Voltage Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7614EB Datasheet(HTML) 4 Page - Texas Instruments

  DAC7614EB Datasheet HTML 1Page - Texas Instruments DAC7614EB Datasheet HTML 2Page - Texas Instruments DAC7614EB Datasheet HTML 3Page - Texas Instruments DAC7614EB Datasheet HTML 4Page - Texas Instruments DAC7614EB Datasheet HTML 5Page - Texas Instruments DAC7614EB Datasheet HTML 6Page - Texas Instruments DAC7614EB Datasheet HTML 7Page - Texas Instruments DAC7614EB Datasheet HTML 8Page - Texas Instruments DAC7614EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
®
4
DAC7614
PIN CONFIGURATION—P, U Packages
Top View
PDIP, SOIC
PIN DESCRIPTIONS—P, U Packages
PIN
LABEL
DESCRIPTION
1VDD
Positive Analog Supply Voltage, +5V nominal.
2VOUTD
DAC D Voltage Output
3VOUTC
DAC C Voltage Output
4VREFL
Reference Input Voltage Low. Sets minimum out-
put voltage for all DACs.
5VREFH
Reference Input Voltage High. Sets maximum out-
put voltage for all DACs.
6VOUTB
DAC B Voltage Output
7VOUTA
DAC A Voltage Output
8VSS
Negative Analog Supply Voltage, 0V or –5V nomi-
nal.
9
GND
Ground
10
SDI
Serial Data Input
11
CLK
Serial Data Clock
12
CS
Chip Select Input
13
NIC
Not Internally Connected.
14
LOADDACS
The selected DAC register becomes transparent
when LOADDACS is LOW. It is in the latched state
when LOADDACS is HIGH.
15
RESET
Asynchronous Reset Input. Sets all DAC registers
to either
zero-scale (000H) or mid-scale (800H)
when LOW. RESETSEL determines which code is
active.
16
RESETSEL
When LOW, a LOW on RESET will cause all DAC
registers to be set to code 000H. When RESETSEL
is HIGH, a LOW on RESET will set the registers to
code 800H.
PIN CONFIGURATION—E Package
Top View
SSOP
PIN DESCRIPTIONS—E Package
PIN
LABEL
DESCRIPTION
1VDD
Positive Analog Supply Voltage, +5V nominal.
2VOUTD
DAC D Voltage Output
3VOUTC
DAC C Voltage Output
4VREFL
Reference Input Voltage Low. Sets minimum out-
put voltage for all DACs.
5
NIC
Not Internally Connected.
6
NIC
Not Internally Connected.
7VREFH
Reference Input Voltage High. Sets maximum out-
put voltage for all DACs.
8VOUTB
DAC B Voltage Output.
9VOUTA
DAC A Voltage Output.
10
VSS
Negative Analog Supply Voltage, 0V or –5V nomi-
nal.
11
GND
Ground
12
SDI
Serial Data Input
13
CLK
Serial Data Clock
14
CS
Chip Select Input
15
NIC
Not Internally Connected.
16
NIC
Not Internally Connected.
17
NIC
Not Internally Connected.
18
LOADDACS
The selected DAC register becomes transparent
when LOADDACS is LOW. It is in the latched state
when LOADDACS is HIGH.
19
RESET
Asynchronous Reset Input. Sets all DAC registers
to either
zero-scale (000H) or mid-scale (800H)
when LOW. RESETSEL determines which code is
active.
20
RESETSEL
When LOW, a LOW on RESET will cause all DAC
registers to be set to code 000H. When RESETSEL
is HIGH, a LOW on RESET will set the registers to
code 800H.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
DD
V
OUTD
V
OUTC
V
REFL
V
REFH
V
OUTB
V
OUTA
V
SS
RESETSEL
RESET
LOADDACS
NIC
CS
CLK
SDI
GND
DAC7614P, U
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
V
DD
V
OUTD
V
OUTC
V
REFL
NIC
NIC
V
REFH
V
OUTB
V
OUTA
V
SS
RESETSEL
RESET
LOADDACS
NIC
NIC
NIC
CS
CLK
SDI
GND
DAC7614E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com