Electronic Components Datasheet Search
  English  ▼

X  

DAC7614EB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7614EB
Description  Quad, Serial Input, 12-Bit, Voltage Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7614EB Datasheet(HTML) 5 Page - Texas Instruments

  DAC7614EB Datasheet HTML 1Page - Texas Instruments DAC7614EB Datasheet HTML 2Page - Texas Instruments DAC7614EB Datasheet HTML 3Page - Texas Instruments DAC7614EB Datasheet HTML 4Page - Texas Instruments DAC7614EB Datasheet HTML 5Page - Texas Instruments DAC7614EB Datasheet HTML 6Page - Texas Instruments DAC7614EB Datasheet HTML 7Page - Texas Instruments DAC7614EB Datasheet HTML 8Page - Texas Instruments DAC7614EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
®
DAC7614
TYPICAL PERFORMANCE CURVES: VSS = 0V
At TA = +25°C, VDD = +5V, VSS = 0V, VREFH = +2.5V, and VREFL = 0V, representative unit, unless otherwise specified.
LINEARITY ERROR and
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC A)
200
H
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
LINEARITY ERROR and
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC B)
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
LINEARITY ERROR and
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC C)
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
LINEARITY ERROR and DIFFERENTIAL
LINEARITY ERROR vs CODE
(DAC D)
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
LINEARITY ERROR vs CODE
(DAC A, –40°C and +85°C)
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
+85°C
–40°C
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
LINEARITY ERROR vs CODE
(DAC B, –40°C and +85°C)
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
+85°C
–40°C
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com