Electronic Components Datasheet Search
  English  ▼

X  

3967 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 3967
Description  MICROSTEPPING DRIVER WITH TRANSLATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3967 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button 3967 Datasheet HTML 3Page - Allegro MicroSystems 3967 Datasheet HTML 4Page - Allegro MicroSystems 3967 Datasheet HTML 5Page - Allegro MicroSystems 3967 Datasheet HTML 6Page - Allegro MicroSystems 3967 Datasheet HTML 7Page - Allegro MicroSystems 3967 Datasheet HTML 8Page - Allegro MicroSystems 3967 Datasheet HTML 9Page - Allegro MicroSystems 3967 Datasheet HTML 10Page - Allegro MicroSystems 3967 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
3967
MICROSTEPPING DRIVER
WITH TRANSLATOR
www.allegromicro.com
7
Timing Requirements
(TA = +25°C, VCC = 5 V, Logic Levels are VCC and Ground)
A
B
C
D
50%
STEP
MS1/MS2/
DIR/RESET
Dwg. WP-042
SLEEP
E
A. Minimum Command Active Time
Before Step Pulse (Data Set-Up Time) ..... 200 ns
B. Minimum Command Active Time
After Step Pulse (Data Hold Time) ............ 200 ns
C. Minimum STEP Pulse Width ...................... 1.0
µs
D. Minimum STEP Low Time ......................... 1.0
µs
E. Maximum Wake-Up Time ......................... 1.0 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com