Electronic Components Datasheet Search
  English  ▼

X  

3967 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 3967
Description  MICROSTEPPING DRIVER WITH TRANSLATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3967 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button 3967 Datasheet HTML 4Page - Allegro MicroSystems 3967 Datasheet HTML 5Page - Allegro MicroSystems 3967 Datasheet HTML 6Page - Allegro MicroSystems 3967 Datasheet HTML 7Page - Allegro MicroSystems 3967 Datasheet HTML 8Page - Allegro MicroSystems 3967 Datasheet HTML 9Page - Allegro MicroSystems 3967 Datasheet HTML 10Page - Allegro MicroSystems 3967 Datasheet HTML 11Page - Allegro MicroSystems 3967 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
3967
MICROSTEPPING DRIVER
WITH TRANSLATOR
8
Layout. The printed wiring board should use a heavy
ground plane.
For optimum electrical and thermal performance, the
driver should be soldered directly onto the board.
The load supply terminal, VBB, should be decoupled
with an electrolytic capacitor (>47
µF is recommended)
placed as close to the device as possible.
To avoid problems due to capacitive coupling of the
high dv/dt switching transients, route the bridge-output
traces away from the sensitive logic-input traces. Always
drive the logic inputs with a low source impedance to
increase noise immunity.
Grounding. A star ground system located close to the
driver is recommended.
The 24-lead SOIC has the analog ground and the
power ground internally bonded to the power tabs of the
package (leads 6, 7, 18, and 19).
Applications Information
Current Sensing. To minimize inaccuracies caused by
ground-trace IR drops in sensing the output current level,
the current-sense resistor (RS) should have an independent
ground return to the star ground of the device. This path
should be as short as possible. For low-value sense
resistors the IR drops in the printed wiring board sense
resistor’s traces can be significant and should be taken
into account. The use of sockets should be avoided as
they can introduce variation in RS due to their contact
resistance.
Allegro MicroSystems recommends a value of RS
given by
RS = 0.5/ITRIPmax
Thermal protection. Circuitry turns off all drivers
when the junction temperature reaches 165
°C, typically.
It is intended only to protect the device from failures due
to excessive junction temperatures and should not imply
that output short circuits are permitted. Thermal shut-
down has a hysteresis of approximately 15
°C.
*RθJA = 35°C/W on JEDEC standard
“High-K” four-layer board per JESD 51-7.
†RθJA = 50°C/W on typical two-sided PCB with
1.3 square inches copper ground on each side.
See also, Application Note 29501.5,
Improving Batwing Power Dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com