Electronic Components Datasheet Search
  English  ▼

X  

CDCE421 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCE421
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421 Datasheet(HTML) 4 Page - Texas Instruments

  CDCE421 Datasheet HTML 1Page - Texas Instruments CDCE421 Datasheet HTML 2Page - Texas Instruments CDCE421 Datasheet HTML 3Page - Texas Instruments CDCE421 Datasheet HTML 4Page - Texas Instruments CDCE421 Datasheet HTML 5Page - Texas Instruments CDCE421 Datasheet HTML 6Page - Texas Instruments CDCE421 Datasheet HTML 7Page - Texas Instruments CDCE421 Datasheet HTML 8Page - Texas Instruments CDCE421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DEVICE SETUP EXAMPLE
f
xtal +
OutputDivider
FeedbackDivider
fout
f
xtal +
1
20
622.08 + 31.154 MHz
(2)
SERIAL INTERFACE AND CONTROL
CDCE421
SCAS842B – APRIL 2007 – REVISED JANUARY 2009..................................................................................................................................................... www.ti.com
The following example illustrates the procedure to calculate the required AT-cut crystal frequency needed to
generate a desired output frequency.
Assuming the requirement to generate an output frequency of 622.08 MHz, Table 1 shows that the desired
output frequency lies between 583.5 MHz and 680 MHz.
REQUIRED INPUT
DESIRED OUTPUT
CRYSTAL
VCO
OUTPUT
PRESCALER
FEEDBACK
FREQUENCY (MHz)
FREQUENCY (MHz)
SELECTION
DIVIDER
SETTING
DIVIDER(1)
From
To
From
To
650.0
766.7
32.500
38.333
VCO 2
1
3
20
583.5
650.0
29.174
32.500
VCO 1
1
3
20
510.0
587.5
31.875
36.719
VCO 2
1
4
16
(1)
The feedback divider is set automatically with respect to the prescaler setting.
So this means that the device must be configured with:
VCO = VCO 1
Output divider = 1
Prescaler setting = 3
To determine the correct crystal frequency needed to get 622.08 MHz with these settings, substitute values into
Equation 1.
The AT-cut frequency should be 31.154 MHz (between 29.174 MHz and 32.500 MHz, as shown in Table 1) .
The CDCE421 uses a unique Texas Instruments proprietary interface protocol that can be configured and
programmed via a single input pin to the device. The architecture enables only writing to the device from this
input pin. Reading the content of a register can be achieved by sending a read command on the input pin and
monitoring the output pins (LVDS or LVPECL). In cases where the output pins cannot be used to read the
content, the software controlling the interface must account for what is written to the EEPROM and when it is
programmed. Monitoring the outputs verifies the programming modes, and cycling power on the device verifies
that the EEPROM is holding the proper configuration.
The CDCE421 can be configured and programmed via the SDATA input pin. For this purpose, a square-wave
programming sequence must be written to the device as described in the following section. During the EEPROM
programming phase, the device requires a stable VCC of 3 V to 3.6 V for secure writing of the EEPROM cells.
After each Write to WordX, the written data are latched, made effective, and offer look-ahead before the actual
data are stored into the EEPROM.
The following table summarizes all valid programming commands.
SDATA
FUNCTION
00 1100
Enter Programming Mode (State 1
→ State 2); bits must be sent in the specified order with the specified timing.
Otherwise, a time-out occurs.
11 1011
Enter Register Read Back Mode; bits must be sent in the specified order with the specified timing. Otherwise, a
time-out occurs.
000 xxxx xxxx
Write to Word0 (State 2)(1) (2) (3)
100 xxxx xxxx
Write to Word1 (State 2)(1) (2) (3)
010 xxxx xxxx
Write to Word2 (State 2)(1) (2) (3)
110 xxxx xxxx
Write to Word3 (State 2)(1) (2) (3)
(1)
Each rising edge causes a bit to be latched.
(2)
Between the bits, some longer time delays can occur, but this has no effect on the data.
(3)
A Write to WordX is expected to be 10 bits long. After the 10th bit, the respective word is latched and its effect can be observed as
look-ahead function.
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com