Electronic Components Datasheet Search
  English  ▼

X  

CDCE421 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDCE421
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCE421 Datasheet HTML 4Page - Texas Instruments CDCE421 Datasheet HTML 5Page - Texas Instruments CDCE421 Datasheet HTML 6Page - Texas Instruments CDCE421 Datasheet HTML 7Page - Texas Instruments CDCE421 Datasheet HTML 8Page - Texas Instruments CDCE421 Datasheet HTML 9Page - Texas Instruments CDCE421 Datasheet HTML 10Page - Texas Instruments CDCE421 Datasheet HTML 11Page - Texas Instruments CDCE421 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
T0044-03
0
0
1
1
1
1
1
1
2
56
57
58
SDATA
FOUT
EnterRegister
Read-BackMode
Fetch
EEPROM
ContentWith
1 CLK
st
EEPROMContent
1 Bit Available After
1 FallingEdge
st
st
60 FallingEdge
SwitchesBackInto
NormalOperation
th
OutputOscillation
OutputOscillation
REGISTER DESCRIPTIONS
CDCE421
SCAS842B – APRIL 2007 – REVISED JANUARY 2009..................................................................................................................................................... www.ti.com
In the following table, the content of the output bit stream is summarized. Important to notice: bit 0 is clocked out
first. The default values in register 0 to register 5 are programmed in the EEPROM.
OUTPUT BIT STREAM
FUNCTION
Bits[0:2]
Revision identifier (MSB first)
Bits[3:8]
VCO calibration word
Bit[9]
EEPROM status:
0 = EEPROM has never been written
1 = EEPROM has been programmed before
Bit[10]
EEPROM lock:
0 = EEPROM can be rewritten
1 = EEPROM is locked, rewriting to the EEPROM is not possible any more
Bits[11:18]
Storage value, Word5 (MSB first)
Bits[19:26]
Storage value, Word4 (MSB first)
Bits[27:34]
Storage value, Word3 (MSB first)
Bits[35:42]
Storage value, Word2 (MSB first)
Bits[43:50]
Storage value, Word1 (MSB first)
Bits[51:58]
Storage value, Word0 (MSB first)
Word 0:
DEFAULT
BIT
NAME
DESCRIPTION/FUNCTION
TYPE
VALUE
0
C0
Register selection
W
0
1
C1
Register selection
W
0
2
C2
Register selection
W
0
3
SELVCO
VCO select, 0 = VCO1, 1 = VCO2
W
0
4
SELPRESC
Prescaler setting, bit 0
W
0
5
SELPRESC
Prescaler setting, bit 1
W
1
6
OUTSEL
Output divider select, bit 0
W
1
7
OUTSEL
Output divider select, bit1
W
1
8
OUTSEL
Output divider select, bit 2
W
0
9
DRVSEL
Driver select, 0 = LVDS, 1 = PECL
W
1
10
TITEST0
Reserved
W
1
4
Divide by value (SELPRESC 1, SELPRESC 0)
Divide by 5 = (00), 3 = (01), 4 = (10), 2 = (11)
5
6
Output divider (OUTSEL2, OUTSEL1, OUTSEL0)
Divide by 1 = (000), 2 = (001), 4 = (010), 8 = (011), 16 = (100), 32 = (101)
7
8
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com