Electronic Components Datasheet Search
  English  ▼

X  

CDCE421 Datasheet(PDF) 12 Page - Texas Instruments

Part # CDCE421
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCE421 Datasheet HTML 8Page - Texas Instruments CDCE421 Datasheet HTML 9Page - Texas Instruments CDCE421 Datasheet HTML 10Page - Texas Instruments CDCE421 Datasheet HTML 11Page - Texas Instruments CDCE421 Datasheet HTML 12Page - Texas Instruments CDCE421 Datasheet HTML 13Page - Texas Instruments CDCE421 Datasheet HTML 14Page - Texas Instruments CDCE421 Datasheet HTML 15Page - Texas Instruments CDCE421 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
OUTPUTS (LVPECL OR LVDS)
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
CDCE421
SCAS842B – APRIL 2007 – REVISED JANUARY 2009..................................................................................................................................................... www.ti.com
The CDCE421 device has two sets of output drivers, LVPECL and LVDS, where the outputs are wire-ORed
together. Only one output can be selected at a time; the other goes to the high-impedance state (Hi-Z).
If the device is configured for an LVPECL, the output buffers go to Hi-Z and the termination resistors determine
the state of the output (LVPECLP = LVPECLN = Hi-Z) in the device disable mode (CE = L). If the device is
configured in LVDS mode, the outputs go to Hi-Z if the device is disabled (CE = L).
Over operating free-air temperature range (unless otherwise noted).
VALUE
UNIT
VCC
Supply voltage(2)
–0.5 to 4.6
V
VI
Voltage range for all other input pins(2)
–0.5 to VCC + 0.5
V
IO
Output current for LVPECL
–50
mA
Electrostatic discharge (HBM)
2
kV
TA
Characterized free-air temperature range (no airflow)
–40 to +85
°C
TJ
Maximum junction temperature
+125
°C
Tstg
Storage temperature range
–65 to +150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
Over operating free-air temperature range (unless otherwise noted).
MIN
TYP
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
TA
Ambient temperature (no airflow, no heat sink)
–40
+85
°C
12
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com