Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD110 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVD110
Description  PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD110 Datasheet(HTML) 3 Page - Texas Instruments

  CDCLVD110 Datasheet HTML 1Page - Texas Instruments CDCLVD110 Datasheet HTML 2Page - Texas Instruments CDCLVD110 Datasheet HTML 3Page - Texas Instruments CDCLVD110 Datasheet HTML 4Page - Texas Instruments CDCLVD110 Datasheet HTML 5Page - Texas Instruments CDCLVD110 Datasheet HTML 6Page - Texas Instruments CDCLVD110 Datasheet HTML 7Page - Texas Instruments CDCLVD110 Datasheet HTML 8Page - Texas Instruments CDCLVD110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
CDCLVD110
SCAS684C – SEPTEMBER 2002 – REVISED JANUARY 2008
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
CK
1
I
Control register input clock, features a 120-k
Ω pullup resistor
SI
2
I
Control register serial input/CLK Select, features a 120-k
Ω pulldown resistor
CLK0
3
I
True differential input, LVDS
CLK0
4
I
Complementary differential input, LVDS
VBB
5
O
Reference voltage output
CLK1
6
I
True differential input, LVDS
CLK1
7
I
Complementary differential input, LVDS
EN
8
I
Control enable (for programmability), features a 120-k
Ω pulldown resistor, input
VSS
9, 25
Device ground
VDD
16, 32
Supply voltage
11, 13, 15, 18, 20, 22,
Q [9:0]
O
Clock outputs, these outputs provide low-skew copies of CLKIN
24, 27, 29, 31
10, 12, 14, 17, 19,
Q[9:0]
O
Complementary clock outputs, these outputs provide low-skew copies of CLKIN
21,23, 26, 28, 30
VALUE
UNIT
VDD
Supply voltage
–0.3 to 2.8
V
VI
Input voltage
–0.2 to (VDD + 0.2)
V
VO
VI Output voltage
–0.2 to (VDD + 0.2)
V
Qn, Qn, IOSD
Driver short circuit current
Continuous
Electrostatic discharge (HBM 1.5 k
Ω, 100 pF), ESD
>2000
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.375
2.5
2.625
V
VIC
Receiver common-mode input voltage
0.5|VID|
VDD – 0.5|VID|
V
TA
Operating free-air temperature
–40
85
°C
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER
|VOD|
Differential output voltage
RL = 100Ω
250
450
600
mV
ΔVOD
VOD magnitude change
50
mV
VOS
Offset voltage
–40
°C to 85°C
0.95
1.2
1.45
V
ΔVOS
VOS magnitude change
350
mV
VO = 0 V
–20
IOS
Output short circuit current
mA
|VOD| = 0 V
20
VBB
Reference output voltage
VDD = 2.5 V, IBB = –100 µA
1.15
1.25
1.35
V
CO
Output capacitance
VO = VDD or GND
3
pF
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :CDCLVD110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com