Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD110 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVD110
Description  PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD110 Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVD110 Datasheet HTML 1Page - Texas Instruments CDCLVD110 Datasheet HTML 2Page - Texas Instruments CDCLVD110 Datasheet HTML 3Page - Texas Instruments CDCLVD110 Datasheet HTML 4Page - Texas Instruments CDCLVD110 Datasheet HTML 5Page - Texas Instruments CDCLVD110 Datasheet HTML 6Page - Texas Instruments CDCLVD110 Datasheet HTML 7Page - Texas Instruments CDCLVD110 Datasheet HTML 8Page - Texas Instruments CDCLVD110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
FEATURES
LQFP PACKAGE
DESCRIPTION
CDCLVD110
SCAS684C – SEPTEMBER 2002 – REVISED JANUARY 2008
www.ti.com
Not Recommended for New Designs
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
• Low-Output Skew <30 ps (Typical) for
Clock-Distribution Applications
• Distributes One Differential Clock Input to
10 LVDS Differential Clock Outputs
• V
CC range 2.5 V ±5%
• Typical Signaling Rate Capability of Up to
1.1 GHz
• Configurable Register (SI/CK) Individually
Enables Disables Outputs, Selectable CLK0,
CLK0 or CLK1, CLK1 Inputs
• Full Rail-to-Rail Common-Mode Input Range
• Receiver Input Threshold ±100 mV
• Available in 32-Pin LQFP Package
• Fail-Safe I/O-Pins for V
DD = 0 V (Power Down)
The CDCLVD110 clock driver distributes one pair of differential LVDS clock inputs (either CLK0 or CLK1) to 10
pairs of differential clock outputs (Q0, Q9) with minimum skew for clock distribution. The CDCLVD110 is
specifically designed for driving 50-
Ω transmission lines.
When the control enable is high (EN = 1), the 10 differential outputs are programmable in that each output can
be individually enabled/disabled (3-stated) according to the first 10 bits loaded into the shift register. Once the
shift register is loaded, the last bit selects either CLK0 or CLK1 as the clock input. However, when EN = 0, the
outputs are not programmable and all outputs are enabled.
The CDCLVD110 is characterized for operation from –40
°C to 85°C.
Not Recommended for New Designs. Use CDCLVD110A as a Replacement.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCLVD110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD110 TI-CDCLVD110 Datasheet
144Kb / 10P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110A TI-CDCLVD110A Datasheet
192Kb / 12P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110ARHBR TI-CDCLVD110ARHBR Datasheet
853Kb / 18P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110ARHBRG4 TI-CDCLVD110ARHBRG4 Datasheet
853Kb / 18P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110ARHBT TI-CDCLVD110ARHBT Datasheet
853Kb / 18P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
More results

Similar Description - CDCLVD110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC946 MOTOROLA-MPC946 Datasheet
98Kb / 6P
LOW VOLTAGE 1:10 CMOS CLOCK DRIVER
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
logo
Texas Instruments
CDCLVD110 TI-CDCLVD110 Datasheet
144Kb / 10P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
Motorola, Inc
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
logo
Texas Instruments
CDCLVD110A TI-CDCLVD110A Datasheet
192Kb / 12P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111_07 Datasheet
287Kb / 19P
Programmable low voltage 1:10 differential LVDS clock driver
30-May-2007
logo
Analog Devices
ADN4670 AD-ADN4670 Datasheet
170Kb / 12P
Programmable Low Voltage 1:10 LVDS Clock Driver
REV. 0
ADN4670BSTZ AD-ADN4670BSTZ Datasheet
241Kb / 12P
Programmable Low Voltage 1:10 LVDS Clock Driver
REV. A
logo
Texas Instruments
CDCLVD110AVF TI-CDCLVD110AVF Datasheet
853Kb / 18P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com