Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD110 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVD110
Description  PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD110 Datasheet(HTML) 4 Page - Texas Instruments

  CDCLVD110 Datasheet HTML 1Page - Texas Instruments CDCLVD110 Datasheet HTML 2Page - Texas Instruments CDCLVD110 Datasheet HTML 3Page - Texas Instruments CDCLVD110 Datasheet HTML 4Page - Texas Instruments CDCLVD110 Datasheet HTML 5Page - Texas Instruments CDCLVD110 Datasheet HTML 6Page - Texas Instruments CDCLVD110 Datasheet HTML 7Page - Texas Instruments CDCLVD110 Datasheet HTML 8Page - Texas Instruments CDCLVD110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
JITTER CHARACTERISTICS
LVDS — SWITCHING CHARACTERISTICS
CONTROL REGISTER CHARACTERISTICS
CDCLVD110
SCAS684C – SEPTEMBER 2002 – REVISED JANUARY 2008
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RECEIVER
VIDH
Input threshold high
100
mV
VIDL
Input threshold low
–100
mV
|VID|
Input differential voltage
200
mV
IIH
VI = VDD
Input current, CLK0/CLK0, CLK1/CLK1
–5
5
µA
IIL
VI = 0 V
CI
Input capacitance
VI = VDD or GND
3
pF
SUPPLY CURRENT
Full loaded
All outputs enabled and loaded, RL = 100 Ω, f = 0 Hz
130
IDD
Supply current
No load
Outputs enabled, no output load, f = 0 Hz
35
mA
IDDZ
3-State
All outputs 3-state by control logic, f = 0 Hz
35
characterized with CDCLVD110 performance EVM, VDD = 3.3 V, OUTPUTS NOT UNDER TEST are terminated to 50Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
12 kHz to 5 MHz, fout = 30.72 MHz
650
Additive phase jitter from input to
tjitterLVDS
fs rms
LVDS output Q3 and Q3
12 kHz to 20 MHz, fout = 125 MHz
299
over recommended operating free-air temperature range, VDD = 2.5 V ±5%
FROM
TO
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
CLK0, CLK0
tPLH
Propagation delay low-to-high
Qn, Qn
2
3
ns
CLK1, CLK1
Propagation delay high-to-low
CLK0, CLK0
tPHL
Qn, Qn
2
3
ns
CLK1, CLK1
CLK0, CLK0
tduty
Duty cycle
Qn, Qn
45%
55%
CLK1, CLK1
tsk(o)
Output skew
Any Qn, Qn
30
ps
tsk(p)
Pulse skew
Any Qn, Qn
50
ps
tsk(pp) Part-to-part skew
Any Qn, Qn
600
ps
tr
Output rise time, 20% to 80%, RL = 100 Ω, CL = 5 pF
Any Qn, Qn
350
ps
tf
Output fall time, 20% to 80%, RL = 100 Ω, CL = 5 pF
Any Qn, Qn
350
ps
CLK0, CLK0
fclk
Max input frequency
Any Qn, Qn
900
1100
MHz
CLK1, CLK1
over recommended operating free-air temperature range, VDD = 2.5 V ±5% (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMAX
Maximum frequency of shift register
100
150
MHz
tsu
Setup time, clock to SI
2
ns
th
Hold time, clock to SI
1.5
ns
tremoval
Removal time, enable to clock
1.5
ns
tw
Clock pulse width, minimum
3
ns
VIH
Logic input high
VDD = 2.5 V
2
V
VIL
Logic input low
VDD = 2.5 V
0.8
V
4
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCLVD110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com