Electronic Components Datasheet Search
  English  ▼

X  

AD1837AS Datasheet(PDF) 12 Page - Analog Devices

Part # AD1837AS
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1837AS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1837AS Datasheet HTML 8Page - Analog Devices AD1837AS Datasheet HTML 9Page - Analog Devices AD1837AS Datasheet HTML 10Page - Analog Devices AD1837AS Datasheet HTML 11Page - Analog Devices AD1837AS Datasheet HTML 12Page - Analog Devices AD1837AS Datasheet HTML 13Page - Analog Devices AD1837AS Datasheet HTML 14Page - Analog Devices AD1837AS Datasheet HTML 15Page - Analog Devices AD1837AS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. B
–12–
AD1837
To maintain the highest performance possible, it is recommended
that the clock jitter of the master clock signal be limited to less
than 300 ps rms, measured using the edge-to-edge technique.
Even at these levels, extra noise or tones may appear in the DAC
outputs if the jitter spectrum contains large spectral peaks. It is
highly recommended that the master clock be generated by an
independent crystal oscillator. In addition, it is especially important
that the clock signal should not be passed through an FPGA or
other large digital chip before being applied to the AD1837. In
most cases, this will induce clock jitter due to the fact that the
clock signal is sharing common power and ground connections
with other unrelated digital output signals.
RESET and Power-Down
PD/RST will power down the chip and set the control regis-
ters to their default settings. After
PD/RST is deasserted, an
initialization routine will run inside the AD1837 to clear all
memories to zero. This initialization lasts for approximately
20 LRCLK intervals. During this time, it is recommended that
no SPI writes occur.
Power Supply and Voltage Reference
The AD1837 is designed for 5 V supplies. Separate power supply
pins are provided for the analog and digital sections. These pins
should be bypassed with 100 nF ceramic chip capacitors, as close
to the pins as possible, to minimize noise pickup. A bulk alumi-
num electrolytic capacitor of at least 22
mF should also be provided
on the same PC board as the codec. For critical applications,
improved performance will be obtained with separate supplies for
the analog and digital sections. If this is not possible, it is recom-
mended that the analog and digital supplies be isolated by means of
two ferrite beads in series with the bypass capacitor of each supply.
It is important that the analog supply be as clean as possible.
The internal voltage reference is brought out on the FILTR pin
and should be bypassed as close as possible to the chip, with a
parallel combination of 10
mF and 100 nF. The reference voltage
may be used to bias external op amps to the common-mode
voltage of the analog input and output signal pins. The current
drawn from the FILTR pin should be limited to less than 5
mA.
Serial Control Port
The AD1837 has an SPI
® compatible control port to permit
programming the internal control registers for the ADCs and
DACs and for reading the ADC signal levels from the internal
peak detectors. The SPI control port is a 4-wire serial control
port. The format is similar to the Motorola SPI format except the
input data-word is 16 bits wide. The maximum serial bit clock
frequency is 12.5 MHz and may be completely asynchronous to
the sample rate of the ADCs and DACs. Figure 3 shows the
format of the SPI signal.
Serial Data Ports—Data Format
The ADC serial data output mode defaults to the popular I
2S
format, where the data is delayed by 1 BCLK interval from the
edge of the LRCLK. By changing Bits 6 to 8 in ADC Control
Register 2, the serial mode can be changed to right-justified
(RJ), left-justified DSP (DSP), or left-justified (LJ). In the RJ
mode, it is necessary to set Bits 4 and 5 to define the width of
the data-word.
The DAC serial data input mode defaults to I
2S. By changing
Bits 5, 6, and 7 in DAC Control Register 1, the mode can be
changed to RJ, DSP, LJ, Packed Mode 1, or Packed Mode 2.
The word width defaults to 24 bits but can be changed by
reprogramming Bits 3 and 4 in DAC Control Register 1.
Packed Modes
The AD1837 has a packed mode that allows a DSP or other
controller to write to all DACs and read all ADCs using one
input data pin and one output data pin. Packed Mode 256
refers to the number of BCLKs in each frame. The LRCLK is
low while data from a left channel DAC or ADC is on the data
pin and high while data from a right channel DAC or ADC is
on the data pin. DAC data is applied on the DSDATA1 pin and
ADC data is available on the ASDATA pin. Figures 7 to 10
show the timing for the packed mode. Packed mode is available
only for 48 kHz (based on MCLK = 12.288 MHz) and when
the ADC is set as a master (
M/S = 0).
Auxiliary (TDM) Mode
A special auxiliary mode is provided to allow three external
stereo ADCs to be interfaced to the AD1837 to provide 8-in/8-out
operation. In addition, this mode supports glueless interface to a
single SHARC DSP serial port, allowing a SHARC DSP to
access all eight channels of analog I/O. In this special mode,
many pins are redefined; see Table II for a list of redefined pins.
The auxiliary and the TDM interfaces are independently config-
urable to operate as masters or slaves. When the auxiliary interface
is set as a master, by programming the Aux Mode bit in ADC
Control Register 2, AUXLRCLK and AUXBCLK are generated
by the AD1837. When the auxiliary interface is set as a slave, the
AUXLRCLK and AUXBCLK need to be generated by an external
ADC as shown in Figure 13.
The TDM interface can be set to operate as a master or slave by
connecting the
M/S pin to DGND or ODVDD, respectively. In
master mode, the FSTDM and BCLK signals are outputs and
are generated by the AD1837. In slave mode, the FSTDM and
BCLK are inputs and should be generated by the SHARC. Slave
mode operation is available for 48 kHz and 96 kHz operation
(based on a 12.288 MHz or 24.576 MHz MCLK), and master
mode operation is available for 48 kHz only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com