Electronic Components Datasheet Search
  English  ▼

X  

AD1837AS Datasheet(PDF) 16 Page - Analog Devices

Part # AD1837AS
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1837AS Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1837AS Datasheet HTML 12Page - Analog Devices AD1837AS Datasheet HTML 13Page - Analog Devices AD1837AS Datasheet HTML 14Page - Analog Devices AD1837AS Datasheet HTML 15Page - Analog Devices AD1837AS Datasheet HTML 16Page - Analog Devices AD1837AS Datasheet HTML 17Page - Analog Devices AD1837AS Datasheet HTML 18Page - Analog Devices AD1837AS Datasheet HTML 19Page - Analog Devices AD1837AS Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
REV. B
–16–
AD1837
FSTDM
INTERNAL
ADC L1
AUX_ADC L2
AUX_ADC L3
AUX_ADC L4
INTERNAL
ADC R1
AUX_ADC R2
AUX_ADC R3
AUX_ADC R4
INTERNAL
DAC L1
INTERNAL
DAC L2
INTERNAL
DAC L3
INTERNAL
DAC R1
INTERNAL
DAC R2
INTERNAL
DAC R3
MSB TDM
1ST
CH
LEFT
RIGHT
I2S—MSB RIGHT
I2S—MSB LEFT
BCLK
TDM
ASDATA1
TDM (OUT)
ASDATA
DSDATA1
TDM (IN)
DSDATA1
AUX
LRCLK I2S
(FROM AUX ADC 1)
AUX
BCLK I2S
(FROM AUX ADC 1)
AAUXDATA1 (IN)
(FROM AUX ADC 1)
AAUXDATA2 (IN)
(FROM AUX ADC 2)
AAUXDATA3 (IN)
(FROM AUX ADC 3)
AUX BCLK FREQUENCY IS 64
FRAME-RATE; TDM BCLK FREQUENCY IS 256
FRAME-RATE.
MSB TDM
8TH
CH
32
32
MSB TDM
1ST
CH
MSB TDM
8TH
CH
I2S—MSB RIGHT
I2S—MSB LEFT
I2S—MSB RIGHT
I2S—MSB LEFT
INTERNAL
DAC L4
INTERNAL
DAC R4
Figure 11. Aux Mode Timing
Table II. Pin Function Changes in Auxiliary Mode
Pin Name
I
2S Mode
Aux Mode
ASDATA (O)
I
2S Data Out, Internal ADC
TDM Data Out to SHARC
DSDATA1 (I)
I
2S Data In, Internal DAC1
TDM Data In from SHARC
DSDATA2 (I)/AAUXDATA1 (I)
I
2S Data In, Internal DAC2
AUX-I
2S Data In 1 (from Ext. ADC)
DSDATA3 (I)/AAUXDATA2 (I)
I
2S Data In, Internal DAC3
AUX-I
2S Data In 2 (from Ext. ADC)
DSDATA4 (I)/AAUXDATA3 (I)
I
2S Data In, Internal DAC4
AUX-I
2S Data In 3 (from Ext. ADC)
ALRCLK (O)
LRCLK for ADC
TDM Frame Sync Out to SHARC (FSTDM)
ABCLK (O)
BCLK for ADC
TDM BCLK Out to SHARC
DLRCLK (I)/AUXLRCLK(I/O)
LRCLK In/Out Internal DACs
AUX LRCLK In/Out. Driven by Ext. LRCLK from ADC
in slave mode. In master mode, driven by MCLK/512.
DBCLK (I)/AUXBCLK
(I/O) BCLK In/Out Internal DACs
AUX BCLK In/Out. Driven by Ext. BCLK from ADC in
slave mode. In master mode, driven by MCLK/8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com