Electronic Components Datasheet Search
  English  ▼

X  

AD1837AS Datasheet(PDF) 17 Page - Analog Devices

Part # AD1837AS
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1837AS Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1837AS Datasheet HTML 13Page - Analog Devices AD1837AS Datasheet HTML 14Page - Analog Devices AD1837AS Datasheet HTML 15Page - Analog Devices AD1837AS Datasheet HTML 16Page - Analog Devices AD1837AS Datasheet HTML 17Page - Analog Devices AD1837AS Datasheet HTML 18Page - Analog Devices AD1837AS Datasheet HTML 19Page - Analog Devices AD1837AS Datasheet HTML 20Page - Analog Devices AD1837AS Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. B
AD1837
–17–
30MHz
12.288MHz
SHARC IS ALWAYS
RUNNING IN SLAVE MODE
(INTERRUPT DRIVEN).
ASDATA
FSTDM
BCLK
DSDATA1
LRCLK
BCLK
DATA
MCLK
ADC 1
SLAVE
SHARC
AD1837
MASTER
MCLK
DSDATA3/AAUXDATA2
DSDATA2/AAUXDATA1
DLRCLK/AUXLRCLK
LRCLK
BCLK
DATA
MCLK
ADC 2
SLAVE
LRCLK
BCLK
DATA
MCLK
ADC 1
SLAVE
DSDATA4/AAUXDATA3
DBCLK/AUXBCLK
Figure 12. Aux Mode Connection to SHARC (Master Mode)
30MHz
12.288MHz
SHARC IS ALWAYS
RUNNING IN SLAVE MODE
(INTERRUPT DRIVEN).
ASDATA
FSTDM
BCLK
DSDATA1
LRCLK
BCLK
DATA
MCLK
ADC 2
SLAVE
SHARC
AD1837
SLAVE
MCLK
DSDATA3/AAUXDATA2
DSDATA2/AAUXDATA1
DLRCLK/AUXLRCLK
LRCLK
BCLK
DATA
MCLK
ADC 3
SLAVE
LRCLK
BCLK
DATA
MCLK
ADC 1
MASTER
DSDATA4/AAUXDATA3
DBCLK/AUXBCLK
Figure 13. Aux Mode Connection to SHARC (Slave Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com