Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 17Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 18Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 19Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 20Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 21Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 22Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 23Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 24Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Clock
IPDclk
Drive
V W
W V
U V
V U
W U
U W
Current
Search the Minimum Time
IPDCurrThr
Minimum
Time
Permanent
Magnet Position
Saturation Position of the
Magnetic Field
Smallest
Inductance
N
S
U
V
W
DRV10975
www.ti.com
SLVSCP2 – JANUARY 2015
9.4.3.5 Motor Initialization
9.4.3.5.1
Align
DRV10975 aligns a motor by injecting dc current through a particular phase pattern which is current flowing into
phase V, flowing out from phase W for a certain time (configured by AlignTime[2:0]). The current magnitude is
determined by OpenLCurr[1:0]. The motor should be aligned at the known position.
The time of align affects the start-up timing (refer to Start-Up Timing). A bigger inertial motor requires longer align
time.
9.4.3.5.2
IPD
The inductive sense method is used to determine the initial position of the motor when IPD is enabled. IPD is
enabled by selecting IPDCurrThr[3:0] to any value other than 0000.
IPD can be used in applications where reverse rotation of the motor is unacceptable. Because IPD does not
need to wait for the motor to align with the commutation, it can allow for a faster motor start sequence. IPD works
well when the inductance of the motor varies as a function of position. Because it works by pulsing current to the
motor, it can generate acoustics which must be taken into account when determining the best start method for a
particular application.
9.4.3.5.2.1
IPD Operation
The IPD operates by sequentially applying voltage across two of the three motor phases according to the
following sequence: VW WV UV VU WU UW (see Figure 12). When the current reaches the threshold configured
in IPDCurrThr[3:0], the voltage across the motor is stopped. The DRV10975 measures the time it takes from
when the voltage is applied until the current threshold is reached. The time varies as a function of the inductance
in the motor windings. The state with the shortest time represents the state with the minimum inductance. The
minimum inductance is because of the alignment of the north pole of the motor with this particular driving state.
Figure 12. IPD Function
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DRV10975



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com