| Electronic Components Datasheet Search |
|
DRV10975ZPWPR Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DRV10975ZPWPR Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 57 page ![]() ILIMIT ULIMIT Rm M BEMF = Kt speed ´ DRV10975 www.ti.com SLVSCP2 – JANUARY 2015 Table 5. Configuring Commutation Advance Timing by Adjusting tSETTING (continued) TCtrlAdv TCtrlAdv TCtrlAdv tSETTING (µs) HEX tSETTING (µs) HEX tSETTING (µs) HEX [6:0] [6:0] [6:0] 55 0011011 1B 480 1001100 4C 4160 1111101 7D 60 0011100 1C 520 1001101 4D 4480 1111110 7E 65 0011101 1D 560 1001110 4E 4800 1111111 7F 70 0011110 1E 600 1001111 4F 75 0011111 1F 640 1011000 58 80 0101000 28 720 1011001 59 9.4.6 Current Limit The DRV10975 has several current limit modes to help ensure optimal control of the motor and to ensure safe operation. The various current limit modes are listed in Table 6. Acceleration current limit is used to provide a means of controlling the amount of current delivered to the motor. This is useful when the system needs to limit the amount of current pulled from the power supply during motor start-up. The lock detection current limit is a configurable threshold that can be used to limit the current applied to the motor. Overcurrent protection is used to protect the device; therefore, it cannot be disabled or configured to a different threshold. The current limit modes are described in the following sections. Table 6. DRV10975 Current Limit Modes Current Limit Mode Situation Action Fault Diagnose Acceleration current limit Motor start Limit the output voltage amplitude No fault Lock detection current limit Motor locked Stop driving the motor and enter lock state Mechanical rotation error Overcurrent shutdown Short circuit Stop driving and recover when OC signal disappeared Circuit connection 9.4.6.1 Acceleration Current Limit The acceleration current limit limits the voltage applied to the motor to prevent the current from exceeding the programmed threshold. The acceleration current limit threshold is configured by writing the SWiLimitThr[3:0] bits to select ILIMIT. The acceleration current limit does not use a direct measurement of current. It uses the programmed motor resistance, Rm, and programmed motor velocity constant, Kt, to limit the voltage applied to the motor, U, as shown in Figure 25 and Equation 6. When the acceleration current limit is active, it does not stop the motor from spinning nor does it trigger a fault. The acceleration current limit function is only available in closed loop control. Figure 25. Acceleration Current Limit ULIMIT = ILIMIT × Rm + Speed × Kt (6) 9.4.7 Lock Detect and Fault Handling The DRV10975 provides several options for determining if the motor becomes locked as a result of some external torque. Five lock detect schemes work together to ensure the lock condition is detected quickly and reliably. Figure 26 shows the logic which integrates the various lock detect schemes. When a lock condition is detected, the DRV10975 device takes action to prevent continuously driving the motor in order to prevent damage to the system or the motor. In addition to detecting if there is a locked motor condition, the DRV10975 also identifies and takes action if there is no motor connected to the system. Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 29 Product Folder Links: DRV10975 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |