Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWPR
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 9Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 10Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 11Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 12Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 13Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 14Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 15Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 16Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
VCC
VCC/2
100% PWM DCO
50% PWM DC0
U-V
V-W
W-U
U
V
W
DRV10975
www.ti.com
SLVSCP2 – JANUARY 2015
Feature Description (continued)
Sinusoidal voltage from phase to phase
Sinusoidal voltage with third order harmonics
from phase to GND
Figure 6. Representing Sinusoidal Voltages With Third-Order Harmonic Output
The output amplitude is determined by the magnitude of VCC and the PWM duty cycle output (PWM_DCO). The
PWM_DCO represents the peak duty cycle that is applied in one electrical cycle. The maximum amplitude is
reached when PWM_DCO is at 100%. The peak output amplitude is VCC. When the PWM_DCO is at 50%, the
peak amplitude is VCC / 2 (see Figure 7).
Figure 7. Output Voltage Amplitude Adjustment
9.3.4 Sleep or Standby Condition
The DRV10975 is available in either a sleep mode or standby mode version. The DRV10975 enters either sleep
or standby to conserve energy. When the device enters either sleep or standby, the motor stops driving. The
switching regulator is disabled in the sleep mode version to conserve more energy. The I2C interface is disabled
and any register data not stored in EEPROM will be reset. The switching regulator remains active in the standby
mode version. The register data is maintained, and the I2C interface remains active.
Setting sleepDis = 1 prevents the device from entering into the sleep or standby condition. If the device has
already entered into sleep or standby condition, setting sleepDis = 1 will not take it out of the sleep or standby
condition. During a sleep or standby condition, the Slp_Stdby status bit (address 0x10, bit 6) will be set.
For different speed command modes, Table 1 shows the timing and command to enter the sleep or standby
condition.
Table 1. Conditions to Enter or Exit Sleep or Standby Condition
Speed
Command
Enter Sleep/Standby Condition
Exit from Standby Condition
Exit from Sleep Condition
Mode
SPEED pin voltage < VEN_SL_SB for
SPEED pin high ( V > VDIG_IH) for
Analog
SPEED pin voltage > VEX_SB for TEX_ SB
TEN_SL_SB
TEX_SL_SB
SPEED pin low ( V < VDIG_IL) for
SPEED pin high ( V > VDIG_IH) for
SPEED pin high ( V > VDIG_IH) for
PWM
TEN_SL_SB
TEX_SL_SB
TEX_SL_SB
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DRV10975



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com