Electronic Components Datasheet Search
  English  ▼

X  

AD7475 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7475
Description  1 MSPS, 12-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7475 Datasheet HTML 2Page - Analog Devices AD7475 Datasheet HTML 3Page - Analog Devices AD7475 Datasheet HTML 4Page - Analog Devices AD7475 Datasheet HTML 5Page - Analog Devices AD7475 Datasheet HTML 6Page - Analog Devices AD7475 Datasheet HTML 7Page - Analog Devices AD7475 Datasheet HTML 8Page - Analog Devices AD7475 Datasheet HTML 9Page - Analog Devices AD7475 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
AD7475/AD7495
–6–
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7475/AD7495 features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25 C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDRIVE to GND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Input Voltage to GND . . . . . . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to GND . . . . . . . . . . . . . –0.3 V to +7 V
VDRIVE to DVDD . . . . . . . . . . . . . . . . . –0.3 V to DVDD + 0.3 V
Digital Output Voltage to GND . . . . . . –0.3 V to VDD + 0.3 V
REF IN to GND . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies
2
. . . . . . .
10 mA
Operating Temperature Range
Commercial (A, B Version) . . . . . . . . . . . . –40 C to +85 C
Storage Temperature Range . . . . . . . . . . . –65 C to +150 C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150 C
SOIC,
µSOIC Package, Power Dissipation . . . . . . . . 450 mW
JA Thermal Impedance
. . . . . . . . . . . . . . 157 C/W (SOIC)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205.9 C/W (
µSOIC)
JC Thermal Impedance . . . . . . . . . . . . . . .
56 C/W (SOIC)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43.74 C/W (
µSOIC)
Lead Temperature, Soldering
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . . . 215 C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220 C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 kV
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
PIN CONFIGURATIONS
AD7475 SOIC/ SOIC
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
REF IN
VIN
GND
VDD
CS
VDRIVE
SDATA
SCLK
AD7475
AD7495 SOIC/ SOIC
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
REF OUT
VIN
GND
VDD
CS
VDRIVE
SDATA
SCLK
AD7495
ORDERING GUIDE
Linearity
Package
Branding
Model
Range
Error (LSB)
1
Option
2
Information
AD7495AR
–40 C to +85 C
±1.5
SO-8
AD7495AR
AD7495BR
–40 C to +85 C
±1
SO-8
AD7495BR
AD7495ARM
–40 C to +85 C
±1.5
RM-8
CCA
AD7495BRM
–40 C to +85 C
±1
RM-8
CCB
AD7475AR
–40 C to +85 C
±1.5
SO-8
AD7475AR
AD7475BR
–40 C to +85 C
±1
SO-8
AD7475BR
AD7475ARM
–40 C to +85 C
±1.5
RM-8
C9A
AD7475BRM
–40 C to +85 C
±1
RM-8
C9B
EVAL-AD7495CB
3
Evaluation Board
EVAL-AD7475CB
3
Evaluation Board
EVAL-CONTROL BRD2
4
Controller Board
NOTES
1Linearity Error here refers to Integral Linearity Error.
2SO = SOIC; RM =
µSOIC.
3This can be used as a standalone evaluation board or in conjunction with the EVAL-BOARD CONTROLLER for evaluation/demonstration purposes.
4This EVALUATION BOARD CONTROLLER is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in
the CB designators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com