Electronic Components Datasheet Search
  English  ▼

X  

AD7475 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7475
Description  1 MSPS, 12-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7475 Datasheet HTML 8Page - Analog Devices AD7475 Datasheet HTML 9Page - Analog Devices AD7475 Datasheet HTML 10Page - Analog Devices AD7475 Datasheet HTML 11Page - Analog Devices AD7475 Datasheet HTML 12Page - Analog Devices AD7475 Datasheet HTML 13Page - Analog Devices AD7475 Datasheet HTML 14Page - Analog Devices AD7475 Datasheet HTML 15Page - Analog Devices AD7475 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. A
AD7475/AD7495
–15–
AD7475/AD7495*
SCLK
CS
*ADDITIONAL PINS OMITTED FOR CLARITY
DR
RFS
TFS
SDATA
VDRIVE
VDD
ADSP-21xx*
SCLK
Figure 23. Interfacing to the ADSP-21xx
The Timer registers etc., are loaded with a value that will provide
an interrupt at the required sample interval. When an interrupt
is received, a value is transmitted with TFS/DT (ADC control
word). The TFS is used to control the RFS and hence the
reading of data. The frequency of the serial clock is set in the
SCLKDIV register. When the instruction to transmit with TFS
is given, (i.e., AX0 = TX0), the state of the SCLK is checked. The
DSP will wait until the SCLK has gone high, low, and high
before transmission will start. If the timer and SCLK values are
chosen such that the instruction to transmit occurs on or near
the rising edge of SCLK, the data may be transmitted or it may
wait until the next clock edge.
For example, the ADSP-2111 has a master clock frequency of
16 MHz. If the SCLKDIV register is loaded with the value 3, an
SCLK of 2 MHz is obtained, and eight master clock periods will
elapse for every 1 SCLK period. If the timer registers are loaded
with the value 803, 100.5 SCLKs will occur between interrupts
and subsequently between transmit instructions. This situation
will result in nonequidistant sampling as the transmit instruc-
tion is occurring on a SCLK edge. If the number of SCLKs
between interrupts is a whole integer figure of N, equidistant
sampling will be implemented by the DSP.
AD7475/AD7495 to DSP56xxx
The connection diagram in Figure 24 shows how the AD7475/
AD7495 can be connected to the SSI (Synchronous Serial Inter-
face) of the DSP56xxx family of DSPs from Motorola. The SSI
is operated in Synchronous Mode (SYN bit in CRB = 1) with
internally generated 1-bit clock period frame sync for both Tx
and Rx (bits FSL1 = 1 and FSL0 = 0 in CRB). Set the word
length to 16 by setting bits WL1 = 1 and WL0 = 0 in CRA. To
implement the power-down modes on the AD7475/AD7495
then the word length can be changed to eight bits by setting bits
WL1 = 0 and WL0 = 0 in CRA. It should be noted that for
signal processing applications, it is imperative that the frame
synchronization signal from the DSP56xxx provide equidistant
sampling. The VDRIVE pin of the AD7475/AD7495 takes the
same supply voltage as that of the DSP56xxx. This allows the
ADC to operate at a voltage higher than the serial interface, i.e.,
DSP56xxx, if necessary.
AD7475/AD7495*
SCLK
CS
*ADDITIONAL PINS OMITTED FOR CLARITY
SCLK
SC2
SDATA
VDRIVE
VDD
DSP56xxx*
SRD
Figure 24. Interfacing to the DSP56xxx
AD7475/AD7495 to MC68HC16
The Serial Peripheral Interface (SPI) on the MC68HC16 is
configured for Master Mode (MSTR = 1), Clock Polarity Bit
(CPOL) = 1 and the Clock Phase Bit (CPHA) = 0. The SPI
is configured by writing to the SPI Control Register (SPCR), see
68HC16 user manual. The serial transfer will take place as a
16-bit operation when the SIZE bit in the SPCR register is
set to SIZE = 1. To implement the power-down modes with an
8-bit transfer set SIZE = 0. A connection diagram is shown in
Figure 25. The VDRIVE pin of the AD7475/AD7495 takes the same
supply voltage as that of the MC68HC16. This allows the ADC
to operate at a higher voltage than the serial interface, i.e.,
MC68HC16, if necessary.
AD7475/AD7495*
SCLK
CS
*ADDITIONAL PINS OMITTED FOR CLARITY
MISO/PMC0
SS/PMC3
SDATA
VDRIVE
VDD
MC68HC16*
SCLK/PCM2
Figure 25. Interfacing to the MC68HC16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com