Electronic Components Datasheet Search
  English  ▼

X  

DS100MB201 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS100MB201
Description  Dual Lane 2:1/1:2 Mux/Buffer with Equalization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100MB201 Datasheet(HTML) 3 Page - Texas Instruments

  DS100MB201 Datasheet HTML 1Page - Texas Instruments DS100MB201 Datasheet HTML 2Page - Texas Instruments DS100MB201 Datasheet HTML 3Page - Texas Instruments DS100MB201 Datasheet HTML 4Page - Texas Instruments DS100MB201 Datasheet HTML 5Page - Texas Instruments DS100MB201 Datasheet HTML 6Page - Texas Instruments DS100MB201 Datasheet HTML 7Page - Texas Instruments DS100MB201 Datasheet HTML 8Page - Texas Instruments DS100MB201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DS100MB201
www.ti.com
SNLS333A – APRIL 2011 – REVISED APRIL 2013
PIN DESCRIPTIONS(1) (continued)
Pin Name
Pin Number
I/O, Type(2)(3)(4)
Pin Description
DOUT0+, DOUT0-, 3, 4,
O
Inverting and non-inverting low power differential signaling 50
Ω outputs. Fully
DOUT1+, DOUT1-
7, 8
compatible with AC coupled CML inputs.
Control Pins — (LVCMOS)
ENSMB
48
I, LVCMOS w/
System Management Bus (SMBus) enable pin.
internal pull-down
LOW = Reserved
HIGH = Register Access: Provides access to internal digital registers to control
such functions as equalization, VOD, channel powerdown, and idle detection
threshold.
Please refer to System Management Bus (SMBus) and Configuration
Registers for detailed information.
SDA
49
I, LVCMOS
The SMBus bi-directional SDA pin. Data input or open drain output. External
pull-up resistor is required. Refer to Rterm in the SMBus specification.
SCL
50
I, LVCMOS
SMBUS clock input pin. External pull-up resistor maybe needed. Refer to Rterm
in the SMBus specification.
AD[3:0]
46, 47, 53, 54
I, LVCMOS w/
SMBus Slave Address Inputs. These pins set the SMBus address.
internal pull-down
Control Pins — (LVCMOS)
RATE
21
I, Float, LVCMOS
LOW = Reserved
HIGH = 10.3125 Gbps operation
TXIDLEDO
24
I, Float, LVCMOS
TXIDLEDO, 3–level input controls the driver output.
LOW = disable the signal detect/squelch function for DOUT.
FLOAT = enable the signal auto detect/squelch function for DOUT and the
signal detect voltage threshold level can be adjusted using the SD_TH pin.
HIGH = force the DOUT to be muted (electrical idle). See Table 1
TXIDLESO
25
I, Float, LVCMOS
TXIDLESO, 3–level input controls the driver output.
LOW = disable the signal detect/squelch function for SOUT.
FLOAT = enable the signal auto detect/squelch function for SOUT and the
signal detect voltage threshold level can be adjusted using the SD_TH pin.
HIGH = force the SOUT to be muted (electrical idle). See Table 1
FANOUT
26
I, LVCMOS w/
LOW = disable one of the outputs depending on the SEL0, SEL1 pin.
internal pull-down
HIGH = enable both A/B outputs for broadcast mode.
FANOUT = 0 See Table 3
SEL0, SEL1
19, 20
I, LVCMOS w/
SEL0 is for lane 0, SEL1 is for lane 1
internal pull-down
SEL0, SEL1 = 0 selects B input and B output.
SEL0, SEL1 = 1 selects A input and A output. See Table 3
Reserved
52
I, LVCMOS
Tie to GND
Analog
SD_TH
27
I, ANALOG
Threshold select pin for electrical idle detect threshold. Float pin for default
130 mVp-p (differential).
See Table 2
Power
VDD
9, 14, 36, 41, 51 Power
2.5V Power supply pins.
GND
DAP
Power
DAP is the large metal contact at the bottom side, located at the center of the
54 pin LLP package. It should be connected to the GND plane with at least 4
via to lower the ground impedance and improve the thermal performance of
the package.
Reserved
1, 2, 5, 6, 12,
No Connect — Leave pin open
13, 17, 18, 22,
23
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS100MB201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com