Electronic Components Datasheet Search
  English  ▼

X  

DS100MB201 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DS100MB201
Description  Dual Lane 2:1/1:2 Mux/Buffer with Equalization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100MB201 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DS100MB201 Datasheet HTML 9Page - Texas Instruments DS100MB201 Datasheet HTML 10Page - Texas Instruments DS100MB201 Datasheet HTML 11Page - Texas Instruments DS100MB201 Datasheet HTML 12Page - Texas Instruments DS100MB201 Datasheet HTML 13Page - Texas Instruments DS100MB201 Datasheet HTML 14Page - Texas Instruments DS100MB201 Datasheet HTML 15Page - Texas Instruments DS100MB201 Datasheet HTML 16Page - Texas Instruments DS100MB201 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DS100MB201
www.ti.com
SNLS333A – APRIL 2011 – REVISED APRIL 2013
Table 5. SMBus Register Map (continued)
Address
Register Name
Bit(s)
Field
Type
Default
Description
0x0F
SIA0
7:6
Reserved
R/W
0x20
Set bits to 0.
EQ Control
5:0
SIA0 EQ
SIA0 EQ Control - total of 24 levels
(3 gain stages with 8 settings)
[5]: Enable EQ
[4:3]: Gain Stage Control
[2:0]: Boost Level Control
Register [EN] [GST] [BST] = Hex Value
100000 = 20'h = Bypass (Default)
101010 = 2A'h = 5 dB at 3 GHz
110000 = 30'h = 9 dB at 3 GHz
110010 = 32'h = 11.7 dB at 3 GHz
111001 = 39'h = 14.6 dB at 3 GHz
110101 = 35'h = 18.4 dB at 3 GHz
110111 = 37'h = 20 dB at 3 GHz
111011 = 3B'h = 21.2 dB at 3 GHz
111101 = 3D'h = 28.4 dB at 3 GHz
0x12
SIA0
7:4
Reserved
R/W
0x00
Set bits to 0.
IDLE Threshold
3:0
IDLE threshold
De-assert = [3:2], assert = [1:0]
00 = 110 mV, 70 mV (Default)
01 = 150 mV, 110 mV
10 = 170 mV, 130 mV
11 = 190 mV, 150 mV
0x15
DOUT0
7:6
Reserved
R/W
0x00
Set bits to 0.
IDLE Select
5
IDLE auto
0: Allow IDLE_sel control in Bit 4
1: Automatic IDLE detect
4
IDLE select
0: Output is ON (SD is disabled)
1: Output is muted (electrical idle)
3:0
Reserved
Set bits to 0.
0x16
SIB0
7:6
Reserved
R/W
0x20
Set bits to 0.
EQ Control
5:0
SIB0 EQ
SIB0 Control - total of 24 levels
(3 gain stages with 8 settings)
[5]: Enable EQ
[4:3]: Gain Stage Control
[2:0]: Boost Level Control
Register [EN] [GST] [BST] = Hex Value
100000 = 20'h = Bypass (Default)
101010 = 2A'h = 5 dB at 3 GHz
110000 = 30'h = 9 dB at 3 GHz
110010 = 32'h = 11.7 dB at 3 GHz
111001 = 39'h = 14.6 dB at 3 GHz
110101 = 35'h = 18.4 dB at 3 GHz
110111 = 37'h = 20 dB at 3 GHz
111011 = 3B'h = 21.2 dB at 3 GHz
111101 = 3D'h = 28.4 dB at 3 GHz
0x17
DOUT0
7
Reserved
R/W
0x03
Set bit to 0.
VOD Control 1
6:0
DOUT0 VOD 1
DOUT0 VOD Control
03'h = 600 mV (Default)
07'h = 800 mV
0x18
DOUT0
7:0
DOUT0 VOD 2
R/W
0x03
DOUT0 VOD Control
VOD Control 2
VOD Level Control
Register [TYPE] [Level Control] = Hex Value
00000001 = 01'h
0x19
SIB0
7:4
Reserved
R/W
0x00
Set bits to 0.
IDLE Threshold
3:0
IDLE threshold
De-assert = [3:2], assert = [1:0]
00 = 110 mV, 70 mV (Default)
01 = 150 mV, 110 mV
10 = 170 mV, 130 mV
11 = 190 mV, 150 mV
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DS100MB201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com