Electronic Components Datasheet Search
  English  ▼

X  

DS100MB201 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS100MB201
Description  Dual Lane 2:1/1:2 Mux/Buffer with Equalization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100MB201 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS100MB201 Datasheet HTML 3Page - Texas Instruments DS100MB201 Datasheet HTML 4Page - Texas Instruments DS100MB201 Datasheet HTML 5Page - Texas Instruments DS100MB201 Datasheet HTML 6Page - Texas Instruments DS100MB201 Datasheet HTML 7Page - Texas Instruments DS100MB201 Datasheet HTML 8Page - Texas Instruments DS100MB201 Datasheet HTML 9Page - Texas Instruments DS100MB201 Datasheet HTML 10Page - Texas Instruments DS100MB201 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DS100MB201
www.ti.com
SNLS333A – APRIL 2011 – REVISED APRIL 2013
Electrical Characteristics
(1) (continued)
Over recommended operating supply and temperature ranges with default register settings unless other specified.
Parameter
Test Conditions
Min
Typ
Max
Units
EQUALIZATION
DJ1
Residual Deterministic Jitter at 8.5
Tx Launch Amplitude = 0.8 to
Gbps
1.2 Vp–p, 10” 4–mil FR4 trace,
0.1
0.25
UIP-P
VOD = 0.8 Vp-p, K28.5, SD_TH = float
DJ2
Residual Deterministic Jitter at
Tx Launch Amplitude = 0.8 to
10.3125 Gbps
1.2 Vp–p, 10” 4–mil FR4 trace,
0.1
0.3
UIP-P
VOD = 0.8 Vp-p, K28.5, SD_TH = float
RJ
Random Jitter
Tx Launch Amplitude = 1.2 Vp–p,
0.5
psrms
Repeating 1100b (D24.3) pattern
Electrical Characteristics — Serial Management Bus Interface
Over recommended operating supply and temperature ranges unless other specified.
Parameter
Test Conditions
Min
Typ
Max
Units
SERIAL BUS INTERFACE DC SPECIFICATIONS
VIL
Data, Clock Input Low Voltage
0.8
V
VIH
Data, Clock Input High Voltage
2.1
3.6
V
IPULLUP
Current Through Pull-Up Resistor
High Power Specification
4
mA
or Current Source
VDD
Nominal Bus Voltage
2.375
3.6
V
ILEAK-Bus
Input Leakage Per Bus Segment
See(1)
-200
+200
µA
ILEAK-Pin
Input Leakage Per Device Pin
-15
µA
CI
Capacitance for SDA and SCL
See(1)(2)
10
pF
RTERM
External Termination Resistance
VDD3.3, See
(1) (2) (3)
2000
Ω
pull to VDD = 2.5V ± 5% OR 3.3V ±
VDD2.5, See
(1) (2) (3)
1000
Ω
10%
SERIAL BUS INTERFACE TIMING SPECIFICATIONS. See Figure 5
FSMB
Bus Operating Frequency
See(4)
10
100
kHz
TBUF
Bus Free Time Between Stop and
4.7
µs
Start Condition
THD:STA
Hold time after (Repeated) Start
At IPULLUP, Max
Condition. After this period, the first
4.0
µs
clock is generated.
TSU:STA
Repeated Start Condition Setup
4.7
µs
Time
TSU:STO
Stop Condition Setup Time
4.0
µs
THD:DAT
Data Hold Time
300
ns
TSU:DAT
Data Setup Time
250
ns
TTIMEOUT
Detect Clock Low Timeout
See(4)
25
35
ms
TLOW
Clock Low Period
4.7
µs
THIGH
Clock High Period
See(4)
4.0
50
µs
TLOW:SEXT
Cumulative Clock Low Extend Time
See(4)
2
ms
(Slave Device)
tF
Clock/Data Fall Time
See(4)
300
ns
tR
Clock/Data Rise Time
See(4)
1000
ns
tPOR
Time in which a device must be
See(4)
500
ms
operational after power-on reset
(1)
Recommended value. Parameter not tested in production.
(2)
Recommended maximum capacitance load per bus segment is 400pF.
(3)
Maximum termination voltage should be identical to the device supply voltage.
(4)
Compliant to SMBus 2.0 physical layer specification. See System Management Bus (SMBus) Specification Version 2.0, section 3.1.1
SMBus common AC specifications for details.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS100MB201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com