Electronic Components Datasheet Search
  English  ▼

X  

CDCM1802RGTT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802RGTT
Description  CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM1802RGTT Datasheet(HTML) 3 Page - Texas Instruments

  CDCM1802RGTT Datasheet HTML 1Page - Texas Instruments CDCM1802RGTT Datasheet HTML 2Page - Texas Instruments CDCM1802RGTT Datasheet HTML 3Page - Texas Instruments CDCM1802RGTT Datasheet HTML 4Page - Texas Instruments CDCM1802RGTT Datasheet HTML 5Page - Texas Instruments CDCM1802RGTT Datasheet HTML 6Page - Texas Instruments CDCM1802RGTT Datasheet HTML 7Page - Texas Instruments CDCM1802RGTT Datasheet HTML 8Page - Texas Instruments CDCM1802RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
12
11
10
9
V
DDPECL
IN
IN
VBB
V
DD0
Y0
Y0
V
DD0
CDCM1802
www.ti.com
SCAS759B – APRIL 2004 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
RGT Package
16-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ENABLE. Enables or disables all outputs simultaneously; The EN pin offers three different
I
configurations: tie to GND (logic 0), external 60-k
Ω pulldown resistor (pull to VDD/2) or left
EN
16
floating (logic 1); EN = 1: outputs on according to S0 and S1 setting EN = VDD/2: outputs on
(with 60-k
Ω
according to S0 and S1 setting EN = 0; outputs Y[1:0] off (high-impedance); see Table 1 for
pullup)
details.
IN
2
Differential input clock. Input stage is sensitive and has a wide common mode range.
Therefore, almost any type of differential signal can drive this input (LVPECL, LVDS, CML,
HSTL). Since the input is high-impedance, it is recommended to terminate the PCB
transmission line before the input (for example, with 100-
Ω across input). The input can also
I
be driven by a single-ended signal, if the complementary input is tied to a dc reference
Differential input
IN
3
voltage (for example, VCC/2).
The inputs deploy an ESD structure protecting the inputs in case of an input voltage
exceeding the rails by more than
≈0.7 V. Reverse biasing of the IC through this inputs is
possible and must be prevented by limiting the input voltage < VDD.
S0
13
I
Select mode of operation. Defines the output configuration of Y0 and Y1. Each pin offers
I
three different configurations: tied to GND (logic 0), external 60-k
Ω pulldown resistor (pull to
S1
15
(with 60-k
Ω
VDD/2) or left floating (logic 1); see Table 1 for details.
pullup)
LVCMOS clock output. This output provides a copy of IN or a divided down copy of clock IN
Y1
7
O
based on the selected mode of operation: S0, S1, and EN. Also, this output can be disabled
by tying VDD1 to GND.
Y0
10
LVPECL clock output. This output provides a copy of IN or a divided down copy of clock IN
O
based on the selected mode of operation: S1, S0, and EN. If Y0 output is unused, the output
LVPECL
Y0
11
can simply be left open to save power and minimize noise impact to Y1.
Output bias voltage used to bias unused complementary input IN for single-ended input
VBB
4
O
signals. The output voltage of VBB is VDD −1.3 V. When driving a load, the output current
drive is limited to about 1.5 mA.
VDDPECL
(1)
1
Supply
Supply voltage PECL input + internal logic
PECL output supply voltage for output Y0;
Y0 can be disabled by pulling VDD0 to GND.
VDD0
(1)
9, 12
Supply
Caution: In this mode no voltage from outside may be forced because internal diodes could
be forced in a forward direction. Thus, it is recommended to leave the output disconnected.
Supply voltage CMOS output; The CMOS output can be disabled by pulling VDD1 to GND.
Caution: In this mode no voltage from outside may be forced, because internal diodes could
VDD1
8
Supply
be forced in forward direction. Thus, it is recommended to leave Y1 unconnected, tied to
GND, or terminated into GND.
VSS
5, 6, 14
Supply
Device ground
(1)
VDD0, VDD1, and VDDPECL should have the same value.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CDCM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com