Electronic Components Datasheet Search
  English  ▼

X  

CDCM1802RGTT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802RGTT
Description  CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM1802RGTT Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCM1802RGTT Datasheet HTML 4Page - Texas Instruments CDCM1802RGTT Datasheet HTML 5Page - Texas Instruments CDCM1802RGTT Datasheet HTML 6Page - Texas Instruments CDCM1802RGTT Datasheet HTML 7Page - Texas Instruments CDCM1802RGTT Datasheet HTML 8Page - Texas Instruments CDCM1802RGTT Datasheet HTML 9Page - Texas Instruments CDCM1802RGTT Datasheet HTML 10Page - Texas Instruments CDCM1802RGTT Datasheet HTML 11Page - Texas Instruments CDCM1802RGTT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
I − Load − mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
−5
0
5
10
15
20
25
30
35
VDD = 3.3 V
G006
f - Frequency - GHz
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
50
60
70
80
90
100
110
CMOS Running, PECL Off (Mode 10)
CMOS and PECL Running, No Load
CMOS Off, PECL Running
CMOS and PECL Running (Mode 3)
f − Frequency − GHz
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
TA = 25°C
Load = 50 W to VDD − 2 V
VDD = 3.6 V
VDD = 3.3 V
VDD = 3 V
G003
f − Frequency − MHz
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25
75
125 175 225 275 325 375 425 475
TA = 25°C
Load = See Figure 10
VDD3 = 3 V
VDD3 = 3.6 V
VDD = 3.3 V
G004
−160
−155
−150
−145
−140
−135
−130
−125
−120
−115
−110
VDD = 3.3 V
TA = 25°C
f = 622 MHz
÷1 Mode
f − Frequency Offset From Carrier − Hz
10
100
1k
100M
10k
100k
10M
1M
G001
−160
−155
−150
−145
−140
−135
−130
−125
−120
−115
−110
−105
−100
VDD = 3.3 V
TA = 25°C
f = 250 MHz
÷1 Mode
f − Frequency Offset From Carrier − Hz
10
100
1k
100M
10k
100k
10M
1M
G002
CDCM1802
SCAS759B – APRIL 2004 – REVISED NOVEMBER 2015
www.ti.com
6.12 Typical Characteristics
Figure 1. Additive Phase Noise vs
Figure 2. Additive Phase Noise vs
Frequency Offset From Carrier
− LVPECL
Frequency Offset From Carrier
− LVCMOS
Figure 3. Amplitude PECL Peak-to-Peak vs Frequency
Figure 4. Amplitude CMOS Peak-to-Peak vs Frequency
Figure 5. Supply current vs Frequency
Figure 6. Output Reference Voltage (VBB) vs Load
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: CDCM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com