Electronic Components Datasheet Search
  English  ▼

X  

CDCM1802RGTT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802RGTT
Description  CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM1802RGTT Datasheet(HTML) 4 Page - Texas Instruments

  CDCM1802RGTT Datasheet HTML 1Page - Texas Instruments CDCM1802RGTT Datasheet HTML 2Page - Texas Instruments CDCM1802RGTT Datasheet HTML 3Page - Texas Instruments CDCM1802RGTT Datasheet HTML 4Page - Texas Instruments CDCM1802RGTT Datasheet HTML 5Page - Texas Instruments CDCM1802RGTT Datasheet HTML 6Page - Texas Instruments CDCM1802RGTT Datasheet HTML 7Page - Texas Instruments CDCM1802RGTT Datasheet HTML 8Page - Texas Instruments CDCM1802RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
CDCM1802
SCAS759B – APRIL 2004 – REVISED NOVEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage
−0.3
3.8
V
VI
Input voltage
−0.2
(VDD + 0.2)
V
VO
Output voltage
−0.2
(VDD + 0.2)
V
Yn, Yn, IOSD
Differential short circuit current
Continuous
TJ
Maximum junction temperature
125
125
°C
Tstg
Storage temperature
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
3
3.3
3.6
V
VDD
Supply voltage (only functionality)
2.375
3.6
V
TA
Operating free-air temperature
–40
85
°C
6.4 Thermal Information
CDCM1802
THERMAL METRIC(1)
RGT (VQFN)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
48.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
66.9
°C/W
RθJB
Junction-to-board thermal resistance
22.5
°C/W
ψJT
Junction-to-top characterization parameter
1.7
°C/W
ψJB
Junction-to-board characterization parameter
22.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: CDCM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com