Electronic Components Datasheet Search
  English  ▼

X  

CLC020 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CLC020
Description  CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC020 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CLC020 Datasheet HTML 3Page - Texas Instruments CLC020 Datasheet HTML 4Page - Texas Instruments CLC020 Datasheet HTML 5Page - Texas Instruments CLC020 Datasheet HTML 6Page - Texas Instruments CLC020 Datasheet HTML 7Page - Texas Instruments CLC020 Datasheet HTML 8Page - Texas Instruments CLC020 Datasheet HTML 9Page - Texas Instruments CLC020 Datasheet HTML 10Page - Texas Instruments CLC020 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
VDDmin
VSS
VSS
10%
PCLK
VDD
30Ps min
CLC020
www.ti.com
SNLS046E – FEBRUARY 2000 – REVISED APRIL 2013
LOCK DETECT
The Lock Detect output of the phase-frequency detector indicates the PLL lock condition. It is a logic HIGH
when the loop is locked. The output is CMOS/TTL-compatible and is suitable for driving other CMOS devices or
a LED indicator.
SERIAL DATA OUTPUT BUFFER
The current-mode serial data outputs provide low-skew complimentary or differential signals. The output buffer
design can drive 75
Ω coaxial cables (AC-coupled) or 10k/100k ECL/PECL-compatible devices (DC-coupled).
Output levels are 800 mVP-P ±10% into 75Ω AC-coupled, back-matched loads. The output level is 400 mVP-P
±10% when DC-coupled into 75
Ω (See APPLICATION INFORMATION for details). The 75Ω resistors connected
to the SDO outputs are back-matching resistors. No series back-matching resistors should be used. SDO output
levels are controlled by the value of RREF connected to pin 19. The value of RREF is normally 1.69 kΩ, ±1%. The
output buffer is static when the device is in an out-of-lock condition. Separate VSSSD and VDDSD power feeds, pins
21 and 24, are provided for the serial output driver.
POWER-ON RESET
The CLC020 has an internally controlled, automatic, power-on reset circuit. This circuit clears TRS detection
circuitry, all latches, registers, counters and polynomial generators and disables the serial output. The SDO
outputs are tri-stated during power-on reset. The part will remain in the reset condition until the parallel input
clock is applied.
It is recommended that PCLK not be asserted until at least 30 µs after power has reached VDDmin. See Figure 5.
Figure 5. Power-On Reset Sequence
BUILT-IN SELF-TEST (BIST)
The CLC020 has a built-in self-test (BIST) function. The BIST performs a comprehensive go-no-go test of the
device. The test uses either a full-field color bar for NTSC or a PLL pathological for PAL as the test data pattern.
Data is input internally to the input data register, processed through the device and tested for errors. Table 1
gives device pin functions and Table 2 gives the test pattern codes used for this function. The signal level at
Test_Output, pin 26, indicates a pass or fail condition.
The BIST is initiated by applying the code for the desired BIST to D0 throught D3 (D9 through D4 are 00h) and a
27 MHz clock at the PCLK input. Since all parallel data inputs are equipped with an internal pull-down device, only
those inputs D0 through D3 which require a logic-1 need be pulled high. After the Lock_Detect output goes high
(true) indicating the VCO is locked on frequency, TPG_Enable, pin 17, is then taken to a logic high. TPG_Enable
may be temporarily connected to the Lock_Detect output to automate BIST operation. Test_Output, pin 26, is
monitored for a pass/fail indication. If no errors have been detected, this output will go to a logic high level
approximately 2 field intervals after TPG_Enable is taken high. If errors have been detected in the internal
circuitry of the CLC020, Test_Output will remain low until the test is terminated. The BIST is terminated by taking
TPG_Enable to a logic low. Continuous serial data output is available during the test.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CLC020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com