Electronic Components Datasheet Search
  English  ▼

X  

CLC020 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CLC020
Description  CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC020 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CLC020 Datasheet HTML 9Page - Texas Instruments CLC020 Datasheet HTML 10Page - Texas Instruments CLC020 Datasheet HTML 11Page - Texas Instruments CLC020 Datasheet HTML 12Page - Texas Instruments CLC020 Datasheet HTML 13Page - Texas Instruments CLC020 Datasheet HTML 14Page - Texas Instruments CLC020 Datasheet HTML 15Page - Texas Instruments CLC020 Datasheet HTML 16Page - Texas Instruments CLC020 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
CLC020
www.ti.com
SNLS046E – FEBRUARY 2000 – REVISED APRIL 2013
The jitter test setup used to obtain values quoted in the data sheet consists of:
•
Texas Instruments SD020EVK, CLC020 evaluation kit
•
Tektronix TG2000 signal generation platform with DVG1 option
•
Tektronix VM700T Option 1S Video Measurement Set
•
Tektronix TDS 794D, Option C2 oscilloscope
•
Tektronix P6339A passive probe
•
75 Ohm coaxial cable, 3ft., Belden 8281 or RG59 (2 required)
•
ECL-to-TTL/CMOS level converter/amplifier, Figure 11
Apply the black-burst reference clock from the TG2000 signal generator's BG1 module 27MHz clock output to the
level converter input. The clock amplitude converter schematic is shown in Figure 10. Adjust the input bias
control to give a 50% duty cycle output as measured on the oscilloscope/probe system. Connect the level
translator to the SD020EVK board, connector P1, PCLK pins (the outer-most row of pins is ground). Configure the
SD020EVK to operate in the NTSC colour bars, BIST mode. Configure the VM700T to make the jitter
measurement in the jitter FFT mode at the frame rate with 1kHz filter bandwidth and Hanning window. Configure
the setup as shown in Figure 10. Switch the test equipment on (from standby mode) and allow all equipment
temperatures stabilize per manufacturer's recommendation. Measure the jitter value after allowing the
instrument's reading to stabilize (about 1 minute). Consult the VM700T Video Measurement Set Option 1S Serial
Digital Measurements User Manual (document number 071-0074-00) for details of equipment operation.
The VM700T measurement system's jitter floor specification at 270Mbps is given as 200ps ±20% (100ps ±5%
typical) of actual components from 50Hz to 1MHz and 200ps +60%, -30% of actual components from 1MHz to
10MHz. To obtain the actual residual jitter of the CLC020, a root-sum-square adjustment of the jitter reading
must be made to compensate for the measurement system's jitter floor specification. For example, if the jitter
reading is 250ps, the CLC020 residual jitter is the square root of (2502
− 2002) = 150ps. The accuracy limits of
the reading as given above apply.
Figure 10. Jitter Test Circuit
Figure 11. ECL-to-TTL/CMOS level converter/amplifer
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CLC020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com