Electronic Components Datasheet Search
  English  ▼

X  

CSD18541F5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18541F5
Description  60V N-Channel FemtoFET MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18541F5 Datasheet(HTML) 5 Page - Texas Instruments

  CSD18541F5 Datasheet HTML 1Page - Texas Instruments CSD18541F5 Datasheet HTML 2Page - Texas Instruments CSD18541F5 Datasheet HTML 3Page - Texas Instruments CSD18541F5 Datasheet HTML 4Page - Texas Instruments CSD18541F5 Datasheet HTML 5Page - Texas Instruments CSD18541F5 Datasheet HTML 6Page - Texas Instruments CSD18541F5 Datasheet HTML 7Page - Texas Instruments CSD18541F5 Datasheet HTML 8Page - Texas Instruments CSD18541F5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TC - Case Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.6
0.8
1
1.2
1.4
1.6
1.8
D008
VGS = 4.5 V
VGS = 10 V
VSD - Source-To-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
100
D009
TC = 25qC
TC = 125qC
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
1
1.15
1.3
1.45
1.6
1.75
1.9
2.05
2.2
D006
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
40
50
60
70
80
90
100
110
120
D007
TC = 25°C, I D = 1 A
TC = 125°C, I D = 1 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
8
9
10
D004
VDS - Drain-to-Source Voltage (V)
0
6
12
18
24
30
36
42
48
54
60
1
10
100
1000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
5
CSD18541F5
www.ti.com
SLPS571 – MAY 2016
Product Folder Links: CSD18541F5
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
ID = 1 A
VDS = 30 V
Figure 4. Gate Charge
Figure 5. Capacitance
ID = 250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage
ID = 1 A
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com