Electronic Components Datasheet Search
  English  ▼

X  

CSD18541F5 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18541F5
Description  60V N-Channel FemtoFET MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18541F5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD18541F5 Datasheet HTML 5Page - Texas Instruments CSD18541F5 Datasheet HTML 6Page - Texas Instruments CSD18541F5 Datasheet HTML 7Page - Texas Instruments CSD18541F5 Datasheet HTML 8Page - Texas Instruments CSD18541F5 Datasheet HTML 9Page - Texas Instruments CSD18541F5 Datasheet HTML 10Page - Texas Instruments CSD18541F5 Datasheet HTML 11Page - Texas Instruments CSD18541F5 Datasheet HTML 12Page - Texas Instruments CSD18541F5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
(0.5)
3X (0.39)
3X (0.15)
(0.05) MIN
ALL AROUND
(R
) TYP
0.05
SYMM
1
3
SYMM
SOLDER MASK
OPENING
TYP
METAL UNDER
SOLDER MASK
TYP
(R
) TYP
0.05
3X (0.39)
3X (0.15)
(0.5)
SYMM
1
3
SYMM
9
CSD18541F5
www.ti.com
SLPS571 – MAY 2016
Product Folder Links: CSD18541F5
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.2 Recommended Minimum PCB Layout
(1)
All dimensions are in millimeters.
7.3 Recommended Stencil Pattern
(1)
All dimensions are in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com