Electronic Components Datasheet Search
  English  ▼

X  

CSD18541F5 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18541F5
Description  60V N-Channel FemtoFET MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18541F5 Datasheet(HTML) 1 Page - Texas Instruments

  CSD18541F5 Datasheet HTML 1Page - Texas Instruments CSD18541F5 Datasheet HTML 2Page - Texas Instruments CSD18541F5 Datasheet HTML 3Page - Texas Instruments CSD18541F5 Datasheet HTML 4Page - Texas Instruments CSD18541F5 Datasheet HTML 5Page - Texas Instruments CSD18541F5 Datasheet HTML 6Page - Texas Instruments CSD18541F5 Datasheet HTML 7Page - Texas Instruments CSD18541F5 Datasheet HTML 8Page - Texas Instruments CSD18541F5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
D
G
S
0.77 mm
0.35 mm
1.53 mm
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD18541F5
SLPS571 – MAY 2016
CSD18541F5 60-V N-Channel FemtoFET™ MOSFET
1
1 Features
1
•
Low On-Resistance
•
Ultra-Low Qg and Qgd
•
Ultra-Small Footprint
–
1.53 mm × 0.77 mm
•
Low Profile
–
0.35-mm Height
•
Integrated ESD Protection Diode
•
Lead and Halogen Free
•
RoHS Compliant
2 Applications
•
Optimized for Industrial Load Switch Applications
•
Optimized for General Purpose Switching
Applications
3 Description
This 54-m
Ω, 60-V N-Channel FemtoFET™ MOSFET
technology is designed and optimized to minimize the
footprint in many space constrained industrial load
switch applications. This technology is capable of
replacing standard small signal MOSFETs while
providing a significant reduction in footprint size.
.
.
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
60
V
Qg
Gate Charge Total (10 V)
11
nC
Qgd
Gate Charge Gate-to-Drain
1.6
nC
RDS(on)
Drain-to-Source On-Resistance
VGS = 4.5 V
57
m
Ω
VGS = 10 V
54
m
Ω
VGS(th)
Threshold Voltage
1.75
V
Ordering Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD18541F5
3000
7-Inch
Reel
Femto
1.53-mm × 0.77-mm
SMD Lead Less
Tape
and
Reel
CSD18541F5T
250
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
60
V
VGS
Gate-to-Source Voltage
±20
V
ID
Continuous Drain Current(1)
2.2
A
IDM
Pulsed Drain Current(1)(2)
21
A
PD
Power Dissipation
500
mW
TJ
Operating Junction Temperature
–55 to 150
°C
Tstg
Storage Temperature
–55 to 150
°C
EAS
Avalanche Energy, Single Pulse
ID = 12.8 A, L = 0.1 mH, RG = 25 Ω
8.2
mJ
(1) Typical RθJA = 245°C/W.
(2) Pulse duration
≤100 μs, duty cycle ≤1%.
Typical Part Dimensions
Top View


Similar Part No. - CSD18541F5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18540Q5B TI1-CSD18540Q5B Datasheet
438Kb / 13P
60V N-Channel NexFET Power MOSFETs
logo
Inchange Semiconductor ...
CSD18540Q5B ISC-CSD18540Q5B Datasheet
362Kb / 3P
N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18540Q5B TI2-CSD18540Q5B Datasheet
494Kb / 12P
CSD18540Q5B 60-V, N-Channel NexFET™ Power MOSFETs
REVISED APRIL 2017
CSD18540Q5B TI2-CSD18540Q5B Datasheet
497Kb / 13P
CSD18540Q5B 60-V, N-Channel NexFET™ Power MOSFETs
REVISED APRIL 2017
CSD18540Q5B.B TI2-CSD18540Q5B.B Datasheet
494Kb / 12P
CSD18540Q5B 60-V, N-Channel NexFET™ Power MOSFETs
REVISED APRIL 2017
More results

Similar Description - CSD18541F5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
30 V, N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD13383F4 TI1-CSD13383F4 Datasheet
764Kb / 13P
N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17382F4 TI1-CSD17382F4 Datasheet
591Kb / 13P
30V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
12-V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
30-V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com